Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43WS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT43WS
Description  Surface Mount, Switching Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT43WS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT43WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
(TA=25℃ unless otherwise noted)
Document Number: DS_S1412009
Version: E14
BAT42W/BAT43W
Taiwan Semiconductor
0.01
0.1
1
10
100
1000
10
100
1000
Instantaneous Forward Voltage (mV)
Fig.1 Typical Forward Characteristics
BAT43W
BAT42W
1
10
100
100
1000
Forward Voltage (mV)
Fig. 2 Typical Forward Characteristics
BAT42W
BAT43W
9.5
10.5
11.5
12.5
13.5
14.5
15.5
10
100
1000
Reverse Voltage (mV)
Fig. 3 Typical Reverse Characteristics
BAT42W
BAT43W
0
20
40
60
80
100
120
2
8
14
20
26
32
Reverse Voltage (V)
Fig. 4 Typical Reverse Characteristics
BAT43W
BAT42W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com