Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT43WS
Description  Surface Mount, Switching Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT43WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT43WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT43WS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Small Signal Product
- Low forward voltage drop
- Surface mount device type
- Moisture sensitivity level (MSL): 1
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: Bend lead SOD-123 small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 0.01 g (approximately)
SYMBOL
UNIT
VRRM
V
VRWM
VR
VR(RMS)
V
IFM
mA
IFM
mA
IFSM
A
IFRM
mA
Pd
mW
IR
nA
Cj
pF
Trr
ns
RθJA
oC
TJ
oC
TSTG
oC
Notes: 1. Valid provided that terminals are kept at ambient temerature.
2. Reverse recovery test conditions : IF=10mA, IR=10mA, RL=100Ω, IRR=1mA
Document Number: DS_S1412009
Version: E14
500
200
21
Operating Temperature Range
Storage Temperature Range
Reverse Recovery Time
Thermal Resistance Junction to Ambient Air
Peak Reverse Current
Junction Capacitance
@ VR=25V & TJ=25
oC
Maximum Forward Voltage
V
Power Dissipation
VF
500
-55 to +125
-55 to +125
625
Repetitive Peak Forward Surge Current
(Note 1)
Repetitive Peak Forward Current
Non-Repetitive Peak Forward Surge Current
-
0.65
0.45
1.0
200
500
Forward Continue Current
RMS Reverse Voltage
(Note 1)
V
Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
30
@ t < 1.0s
@ t < 1.0 ms
IF=50mA
-0.33
4
-
-
0.40
IF=200mA
5
10
IF=15mA
IF=10mA
IF=2mA
(Note 2)
(Note 1)
VR=1V, f=1.0MHz
MECHANICAL DATA
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
BAT42W
BAT43W
BAT42W/BAT43W
Taiwan Semiconductor
Surface Mount, Switching Schottky Barrier Diode
FEATURES
SOD-123


Similar Part No. - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
BAT43WS DIODES-BAT43WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Formosa MS
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Jiangsu Changjiang Elec...
BAT43WS JIANGSU-BAT43WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT43WS WEITRON-BAT43WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
Surface Mount Schottky Barrier Switching Diode 350mW
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
Surface mount schottky barrier switching diode 350mW
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
Surface Mount, Switching Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com