Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BC856A
Description  PNP SMALL SIGNAL TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856A Datasheet(HTML) 4 Page - Diodes Incorporated

  BC856A_15 Datasheet HTML 1Page - Diodes Incorporated BC856A_15 Datasheet HTML 2Page - Diodes Incorporated BC856A_15 Datasheet HTML 3Page - Diodes Incorporated BC856A_15 Datasheet HTML 4Page - Diodes Incorporated BC856A_15 Datasheet HTML 5Page - Diodes Incorporated BC856A_15 Datasheet HTML 6Page - Diodes Incorporated BC856A_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BC856A
– BC858C
Document Number: DS11207 Rev. 24 - 2
4 of 7
www.diodes.com
October 2014
© Diodes Incorporated
BC856A-BC858C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BC856
BVCBO
-80
—
—
V
IC = -10µA
BC857
-50
BC858
-30
Collector-Emitter Breakdown Voltage
(Note 10)
BC856
BVCEO
-65
—
—
V
IC = -10mA
BC857
-45
BC858
-30
Emitter-Base Breakdown Voltage
BVEBO
-5
—
—
V
IE = -1µA
Collector Cutoff Current
ICBO
—
—
-15
nA
VCB = -30V
-4
µA
VCB = -30V, TJ = +150°C
Collector Emitter Cutoff Current
BC856
ICES
—
—
-15
nA
VCE = -80V
BC857
-15
VCE = -50V
BC858
-15
VCE = -30V
Emitter-Base Cutoff Current
IEBO
—
—
-100
nA
VEB = -5V
Small Signal Current Gain
(Note 10)
BC856A / BC857A / BC858A
hfe
—
200
—
—
IC = -2.0mA, VCE = -5V
f = 1.0kHz
BC856B / BC857B / BC858B
330
BC857C / BC858C
600
Input Impedance (Note 10)
BC856A / BC857A / BC858A
hie
—
2.7
—
kΩ
BC856B / BC857B / BC858B
4.5
BC857C / BC858C
8.7
Output Admittance
(Note 10)
BC856A / BC857A / BC858A
hoe
—
18
—
µS
BC856B / BC857B / BC858B
30
BC857C / BC858C
60
Reverse Voltage Transfer
Ratio (Note 10)
BC856A / BC857A / BC858A
hre
—
1.5x10
-4
—
—
BC856B / BC857B / BC858B
2x10
-4
BC857C / BC858C
3x10
-4
DC Current Gain (Note 10)
BC856A / BC857A / BC858A
hFE
125
180
250
—
IC = -2.0mA, VCE = -5V
BC856B / BC857B / BC858B
220
290
475
BC857C / BC858C
420
520
800
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
—
-75
-300
mV
IC = - 10mA, IB = -0.5mA
-250
-650
IC = - 100mA, IB = -5.0mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
-600
-650
-750
mV
IC = -2mA, VCE = -5V
—
—
-820
IC = -10mA, VCE = -5V
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
—
-700
—
mV
IC = -10mA, IB = -0.5mA
-850
-1100
IC = -100mA, IB = -5mA
Output Capacitance
Cobo
—
3
—
pF
VCB = -10V, f = 1.0MHz
Transition Frequency
fT
100
200
—
MHz
VCE = -5V, IC = -10mA,
f = 100MHz
Noise Figure
NF
—
2
10
dB
VCE = -5V, IC = -200µA
RS = 2kΩ, f = 1kHz
∆f = 200Hz
Note:
10. Measured under pulsed
conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com