| Manufacturer | Part # | Datasheet | Description |
 Diodes Incorporated |
BC807
|
251Kb / 7P |
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 19 |
|
MMBT2907A
|
389Kb / 7P |
60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17 |
|
MMBT3906
|
301Kb / 7P |
40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17 |
|
MMBT5401
|
313Kb / 7P |
150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 10 |
|
MMBTA55
|
471Kb / 7P |
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12 |
|
MMBTA92
|
355Kb / 5P |
300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12 |
|
AC857BQ
|
433Kb / 7P |
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 3 |
|
AMBTA92Q
|
370Kb / 5P |
300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
May 2018 Rev. 1 - 2 |
|
BC856AQ
|
382Kb / 7P |
PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2 |
|
BC857CQ
|
428Kb / 7P |
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2 |