Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99LRFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99LRFG
Description  225mW SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99LRFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV99LRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99LRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99LRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV99LRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Fast switching speed
- Surface mount device type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT-23 small outline plastic package
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260
oC/10s
- Weight: 8 mg (approximately)
- Marking code: A7.
SYMBOL
UNIT
PD
mW
VRRM
V
IFRM
mA
IO
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
V(BR)
V
IR
μA
CJ
pF
trr
ns
Document Number: DS_S1502002
IF = 150 mA
VR = 70 V
225mW SMD Switching Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Reverse revovery time
IF = IR = 10 mA, RL = 100 Ω, IRR = 1 mA
Reverse breakdown voltage
IR = 100 μA
IF = 50 mA
-
Junction capacitance
2.50
1.5
6
70
-
-
1.25
-
-
- 55 to + 150
MAX
1.00
MIN
-
556
PARAMETER
VF
Forward voltage
IFSM
450
BAV99L
FEATURES
MECHANICAL DATA
Small Signal Product
Taiwan Semiconductor
Reverse leakage current
A
Peak repetitive reverse voltage
Junction and storage temperature range
PARAMETER
Thermal resistance form junction to ambient
V
70
Mean forward current
200
SOT-23
VR = 0 V, f = 1 MHz
Pulse Width=1 s
0.5
Version: A15
225
VALUE
Power dissipation
Repetitive peak forward current
Non-repetitive peak forward
surge current


Similar Part No. - BAV99LRFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV99L ONSEMI-BAV99L Datasheet
76Kb / 4P
Monolithic Dual Switching Diode
September, 2004 ??Rev. 3
BAV99L ONSEMI-BAV99L Datasheet
80Kb / 3P
Dual Series Switching Diode
October, 2016 ??Rev. 12
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
Diotec Semiconductor
BAV99L DIOTEC-BAV99L Datasheet
645Kb / 3P
Diode Array 1 Pair Series Connection 75 V 215mA Surface Mount TO-236-3, SC-59, SOT-23-3
Version 2022-02-07
logo
Unisonic Technologies
BAV99L-AE3-R UTC-BAV99L-AE3-R Datasheet
98Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
More results

Similar Description - BAV99LRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
225mW, SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com