Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99S Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99S
Description  250mW High Speed Switching Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99S Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV99S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
2.00
2.20
0.079
0.087
B
1.15
1.35
0.045
0.053
C
0.15
0.35
0.006
0.014
D
1.20
1.40
0.047
0.055
E
2.15
2.45
0.085
0.096
F
0.85
1.05
0.033
0.041
G
0.25
0.46
0.010
0.018
H
0.00
0.10
0.000
0.004
SUGGESTED PAD LAYOUT
Z
G
X
Y
C1
C2
Document Number: DS_S1501006
Version: G15
0.80
0.031
2.40
0.094
0.95
0.037
3.20
0.126
1.60
0.063
0.55
0.022
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
BAV99S
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
SOT-363
BAV99S RFG
Green compound code
Packing code
Part no.
B
A
C
D
G
F
E
H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com