Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99S
Description  250mW High Speed Switching Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV99S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Fast switching speed
- High reverse breakdown voltage rating
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT-363 small outline plastic package
- Case material UL flammability rating 94V-0
- Weight: 8 ± 0.5 mg
- Marking Code: K1
SYMBOL
UNIT
PD
mW
VRRM
V
IFRM
mA
IO
mA
TJ , TSTG
oC
SYMBOL
UNIT
Reverse Breakdown Voltage
V(BR)
V
IR
μA
CJ
pF
trr
ns
Note 1 : Reverse recovery test conditions : IF=IR=10mA, RL=100Ω
Document Number: DS_S1501006
Version: G15
200
85
450
150
-55 to 150
4.5
0.5
Power Dissipation
Repetitive Peak Reverse Voltage
Repetitive Peak Forward Current
Mean Forward Current
Non-Repetitive Peak Forward
Surge Current
Pulse width = 1 μs
Pulse width = 1 s
MIN
MAX
75
-
0.715
-
0.855
-
1.000
-
1.200
-
1.250
-
1.000
IF=50mA
VF
V
IF=1.0mA
IF=10mA
IF=100mA
IF=150mA
Junction and Storage Temperature Range
PARAMETER
-
1.500
-
6.000
-
IR=2.5μA
@VR=75V
IFSM
A
VR=0, f=1.0MHz
(Note 1)
Forward Voltage
Reverse Recovery Time
Junction Capacitance
Reverse Leakage Current
MECHANICAL DATA
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
BAV99S
Taiwan Semiconductor
Small Signal Product
250mW High Speed Switching Array
FEATURES
SOT-363


Similar Part No. - BAV99S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
logo
Infineon Technologies A...
BAV99S INFINEON-BAV99S Datasheet
487Kb / 8P
Silicon Switching Diode
Mar-10-2004
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
High-speed switching diode array
2001 May 14
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
HIGH SPEED SWITCHING DIODE ARRAY
logo
NXP Semiconductors
BAV99S NXP-BAV99S Datasheet
153Kb / 14P
High-speed switching diodes
Rev. 07-14 April 2010
More results

Similar Description - BAV99S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV756S PHILIPS-BAV756S Datasheet
73Kb / 12P
High-speed switching diode array
1997 Oct 21
logo
Siemens Semiconductor G...
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
High-speed switching diode array
2001 May 14
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
HIGH SPEED SWITCHING DIODE ARRAY
logo
Micro Commercial Compon...
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
250mW 75Volts Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
250mW SOD-323 Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com