Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSRHD02 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DSRHD02
Description  1.0A DSR BRIDGE DIODESTAR RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSRHD02 Datasheet(HTML) 1 Page - Diodes Incorporated

  DSRHD02_15 Datasheet HTML 1Page - Diodes Incorporated DSRHD02_15 Datasheet HTML 2Page - Diodes Incorporated DSRHD02_15 Datasheet HTML 3Page - Diodes Incorporated DSRHD02_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DSRHD02-DSRHD08
Document number: DS35952 Rev. 4 - 2
1 of 4
www.diodes.com
November 2012
© Diodes Incorporated
DSRHD02 – DSRHD08
1.0A DSR BRIDGE
DIODESTAR RECTIFIER
Features
•
Glass Passivated Bridge Rectifier
•
Excellent High Temperature Stability
•
150ºC Operating Junction Temperature
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
•
Case: T-MiniDIP
•
Case Material: Molded Plastic “Green” Molding Compound,
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin over Copper Lead Frame,
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.092 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DSRHD02-13
T-MiniDIP
5000/Tape & Reel
DSRHD04-13
T-MiniDIP
5000/Tape & Reel
DSRHD06-13
T-MiniDIP
5000/Tape & Reel
DSRHD08-13
T-MiniDIP
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Dxx = Product Type Marking Code
12 = 200V
14 = 400V
16 = 600V
18 = 800V
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 2 = 2012)
WW = Week Code (01 ~ 53)
Bottom View
T-MiniDIP
Top View
Green
_
+
~~
YWW
Dxx


Similar Part No. - DSRHD02_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSRHD02-13 DIODES-DSRHD02-13 Datasheet
350Kb / 4P
1.0A DSR BRIDGE DIODESTAR RECTIFIER
July 2018
More results

Similar Description - DSRHD02_15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C1000 WTE-B40C1000 Datasheet
45Kb / 3P
1.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
DSR6U600P5 DIODES-DSR6U600P5 Datasheet
105Kb / 5P
6A DIODESTAR RECTIFIER
Rev 3
DSRHD10 DIODES-DSRHD10_15 Datasheet
112Kb / 5P
1.0A DSR BRIDGE DIODESTAR RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
1.0A BRIDGE RECTIFIER
RS101 ZSELEC-RS101 Datasheet
84Kb / 2P
1.0A BRIDGE RECTIFIER
logo
FutureWafer Tech Co.,Lt...
ABS10 FUTUREWAFER-ABS10 Datasheet
734Kb / 4P
1.0A Bridge Rectifier
DBL1JS FUTUREWAFER-DBL1JS Datasheet
759Kb / 5P
1.0A Bridge Rectifier
MB6S FUTUREWAFER-MB6S Datasheet
779Kb / 5P
1.0A Bridge Rectifier
logo
Diodes Incorporated
DSRHD02 DIODES-DSRHD02 Datasheet
350Kb / 4P
1.0A DSR BRIDGE DIODESTAR RECTIFIER
July 2018
DSRHD10 DIODES-DSRHD10 Datasheet
377Kb / 5P
1.0A DSR BRIDGE DIODESTAR RECTIFIER
July 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com