Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSRHD02 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DSRHD02
Description  1.0A DSR BRIDGE DIODESTAR RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSRHD02 Datasheet(HTML) 2 Page - Diodes Incorporated

  DSRHD02_15 Datasheet HTML 1Page - Diodes Incorporated DSRHD02_15 Datasheet HTML 2Page - Diodes Incorporated DSRHD02_15 Datasheet HTML 3Page - Diodes Incorporated DSRHD02_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DSRHD02-DSRHD08
Document number: DS35952 Rev. 4 - 2
2 of 4
www.diodes.com
November 2012
© Diodes Incorporated
DSRHD02 – DSRHD08
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
DSRHD02
DSRHD04
DSRHD06
DSRHD08
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
200
400
600
800
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load (Per Diode)
IFSM
30
A
Minimum Fusing Current Rating (t < 8.3 ms)
I
2t
3.73
A
2s
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Lead
RθJL
25
°C/W
Typical Thermal Resistance Junction to Ambient
On Aluminum Substrate
RθJA
62.5
°C/W
On Glass-Epoxy Substrate
80
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Max
Unit
Test Condition
Forward Voltage (Per Diode)
VF
0.95
V
IF = 0.4A, TJ = +25°C
1.1
IF = 1.0A, TJ = +25°C
Reverse Current (Note 5) (Per Diode) VR = Rated Block Voltage
IR
10
150
μA
VR = Rated Block Voltage,
TJ = 25°C
TJ = 125°C
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 1 Forward Power Dissipation
0
0.2
0.4
0.6
0.8
1.0
1.2
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0.01
0.1
1
0.3
0.5
0.7
0.9
1.1
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 75°C
A
T = 125°C
A
T = 150°C
A
T = 100°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com