Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1106CF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1106CF
Description  Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1106CF Datasheet(HTML) 4 Page - Linear Technology

  LT1106CF Datasheet HTML 1Page - Linear Technology LT1106CF Datasheet HTML 2Page - Linear Technology LT1106CF Datasheet HTML 3Page - Linear Technology LT1106CF Datasheet HTML 4Page - Linear Technology LT1106CF Datasheet HTML 5Page - Linear Technology LT1106CF Datasheet HTML 6Page - Linear Technology LT1106CF Datasheet HTML 7Page - Linear Technology LT1106CF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1106
TYPICAL PERFORMANCE CHARACTERISTICS
3/ 5 Comparator Threshold
AVPP Sense Voltage
AVPP Sense Voltage
TEMPERATURE (
°C)
–50
3.70
3.75
3.80
3.85
3.90
4.00
–25
025
50
LT1106 • TPC04
75
100
3.95
TEMPERATURE (
°C)
–50
11.95
12.00
12.05
25
75
LT1106 • TPC05
11.90
11.85
11.80
–25
0
50
12.10
12.15
12.20
100
12/5 SELECT = 0
TEMPERATURE (
°C)
–50
4.80
4.85
4.90
4.95
5.00
5.10
–25
025
50
LT1106 • TPC06
75
100
5.05
12/5 SELECT = 1
Supply Current in Shutdown
TEMPERATURE (
°C)
–50
8
10
12
25
75
LT1106 • TPC07
6
4
–25
0
50
100
2
0
14
VCC = 5V
VCC = 3V
Supply Current
TEMPERATURE (
°C)
–50
300
400
500
600
700
800
–25
025
50
LT1106 • TPC08
75
100
VCC = 5V
VCC = 3V
TEMPERATURE (
°C)
–50
70
75
80
85
90
95
–25
025
50
LT1106 • TPC09
75
100
Load Transient Response,
COUT = 1µF
LT1106 • TPC12
50
µs/DIV
12V OUTPUT
1V/DIV
AC COUPLED
60mA
10mA
ILOAD
Start-Up Waveforms, ILOAD = 1mA
VAVPP
2V/DIV
12V
ON/OFF
10V/DIV
VPP VALID
10V/DIV
LT1106 • TPC10
50
µs/DIV
LT1106 • TPC11
50
µs/DIV
IL
500mA/DIV
VON/OFF
10V/DIV
VOUT
5V/DIV
Start-Up Waveforms with Soft
Start, ILOAD = 10mA
Maximum Duty Cycle



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com