Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1106CF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1106CF
Description  Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1106CF Datasheet(HTML) 6 Page - Linear Technology

  LT1106CF Datasheet HTML 1Page - Linear Technology LT1106CF Datasheet HTML 2Page - Linear Technology LT1106CF Datasheet HTML 3Page - Linear Technology LT1106CF Datasheet HTML 4Page - Linear Technology LT1106CF Datasheet HTML 5Page - Linear Technology LT1106CF Datasheet HTML 6Page - Linear Technology LT1106CF Datasheet HTML 7Page - Linear Technology LT1106CF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1106
BLOCK DIAGRA
VREF
VCC
17
VPP2
20
BIAS
ON/0FF
16
14
G1
15
G2
18
VPP1
AVPP
12/5
SELECT
19
1
565k
299k
4k
200k
VPP VALID
OFF
Q3
Q2
1
×
Q1
50
×
100k
–
+
C2
VREF 1.24V
R1
3
Ω
–
+
C3
36mV
VCC
PGND
LT1106 • BD
SW
R2
700
Ω
13
3,4
6,7
9,10,11
GND
2
SOFT START
BIAS
+
–
500kHz
OSCILLATOR
C1
5
3/5
VCC
3.7V
–
+
APPLICATIONS INFORMATION
Functional Description
The LT1106 is a micropower, step-up DC/DC converter
specifically configured for PCMCIA flash memory card
VPP generation. The device generates a 5V or 12V output
selectable via the 12/5 Select pin. If 12V is present on
either the VPP1 or VPP2 pins, gate drive outputs G1 and
G2 are driven low, turning on external PMOS devices. The
switching regulator inside the LT1106 is idled when 12V
is present on VPP1 or VPP2.
The VPP VALID output goes low when the voltage at AVPP
exceeds 11.4V This signal can be used to indicate pres-
ence of a valid programming voltage. The 3/5 comparator
indicates whether the input voltage is 3.3V or 5V.
The Soft Start pin can be used to limit inrush current upon
start-up. A 0.1
µF capacitor in parallel with a 1M resistor is
connected between this pin and ground to limit peak
inductor current at start-up.
Switching Regulator Operation
When 12V is not present on the VPP1 or VPP2 pins and the
device is enabled (ON/OFF = 1), the LT1106 generates a
regulated voltage at the AVPP pin. This voltage is pro-
grammable between 5V or 12V depending on the state of
the 12/5 Select pin. Referring to the block diagram, hyster-
etic comparator C1 monitors AVPP via the resistor divider.
When the negative input of C2 falls below 1.24V, C1’s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com