Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1113 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1113 Datasheet HTML 8Page - Linear Technology LT1113 Datasheet HTML 9Page - Linear Technology LT1113 Datasheet HTML 10Page - Linear Technology LT1113 Datasheet HTML 11Page - Linear Technology LT1113 Datasheet HTML 12Page - Linear Technology LT1113 Datasheet HTML 13Page - Linear Technology LT1113 Datasheet HTML 14Page - Linear Technology LT1113 Datasheet HTML 15Page - Linear Technology LT1113 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1113
S
APPLICATI
TYPICAL
Accelerometer Amplifier with DC Servo
Paralleling Amplifiers to Reduce Voltage Noise
8
5V TO 15V
–5V TO –15V
4
1113 • TA03
OUTPUT
R1
100M
C1
1250pF
R3
2k
C3
2
µF
R2
18k
C2
2
µF
6
5
R4
20M
1/2 LT1113
7
R5
20M
ACCELEROMETER
B & K MODEL 4381
OR EQUIVALENT
1
3
2
1/2 LT1113
R4C2 = R5C3 > R1 (1 + R2/R3) C1
OUTPUT = 0.8mV/pC* = 8.0mV/g**
DC OUTPUT
≤ 2.7mV
OUTPUT NOISE = 6nV/
√Hz AT 1kHz
*PICOCOULOMBS
**g = EARTH’S GRAVITATIONAL CONSTANT
1. ASSUME VOLTAGE NOISE OF LT1113 AND 51
Ω SOURCE RESISTOR = 4.6nV/√Hz
2. GAIN WITH n LT1113s IN PARALLEL = n • 200
3. OUTPUT NOISE =
√n • 200 • 4.6nV/√Hz
4. INPUT REFERRED NOISE =
OUTPUT NOISE
=
4.6
nV/
√Hz
n • 200
√n
5. NOISE CURRENT AT INPUT INCREASES
√n TIMES
6. IF n = 5, GAIN = 1000, BANDWIDTH = 1MHz, RMS NOISE, DC TO 1MHz =
9
µV
= 4
µV
√5
8
15V
–15V
4
8
15V
–15V
4
1113 • TA04
1k
7
6
5
1k
1k
1
2
3
–
+
A2
1/2 LT1113
–
+
1k
51
Ω
51
Ω
51
Ω
1
2
3
A1
1/2 LT1113
10k
7
5
6
1/2 LT1113
–
+
An
1/2 LT1113
1k
1k
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com