Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1113 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 4 Page - Linear Technology

  LT1113 Datasheet HTML 1Page - Linear Technology LT1113 Datasheet HTML 2Page - Linear Technology LT1113 Datasheet HTML 3Page - Linear Technology LT1113 Datasheet HTML 4Page - Linear Technology LT1113 Datasheet HTML 5Page - Linear Technology LT1113 Datasheet HTML 6Page - Linear Technology LT1113 Datasheet HTML 7Page - Linear Technology LT1113 Datasheet HTML 8Page - Linear Technology LT1113 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1113
LT1113AC
LT1113C
SYMBOL PARAMETER
CONDITIONS (Note 4)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
0.7
2.4
0.8
2.8
mV
VS = ±5V
q
0.8
2.6
0.9
3.0
mV
∆VOS
Average Input Offset
q
715
8
20
µV/°C
∆Temp Voltage Drift
IOS
Input Offset Current
q
80
700
90
1000
pA
IB
Input Bias Current
q
1750
3000
1800
5000
pA
VCM
Input Voltage Range
q
12.6
13.0
12.6
13.0
V
q
–10.0
–10.5
–10.0
–10.5
V
CMRR
Common Mode Rejection Ratio
VCM = –10V to 12.6V
q
80
96
78
93
dB
PSRR
Power Supply Rejection Ratio
VS = ± 4.5V to ± 20V
q
81
98
79
96
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10k
q
850
3300
750
3000
V/mV
VO = ±10V, RL = 1k
q
400
2200
300
2000
V/mV
VOUT
Output Voltage Swing
RL = 10k
q
±13.0 ±12.5
±12.5 ±12.5
V
RL = 1k
q
±11.5 ±12.0
±11.0 ±12.0
V
SR
Slew Rate
RL ≥ 2k
q
2.0
3.5
1.6
3.5
V/
µs
GBW
Gain Bandwidth Product
fO = 100kHz
q
2.9
4.3
2.9
4.3
MHz
IS
Supply Current per Amplifier
q
5.30
6.35
5.30
6.55
mA
VS = ±5V
q
5.25
6.30
5.25
6.50
mA
∆VOS
Offset Voltage Match
q
1.0
4.4
1.0
5.1
mV
∆IB+
Noninverting Bias Current Match
q
50
600
55
900
pA
∆CMRR Common Mode Rejection Match (Note 11)
q
76
93
73
93
dB
∆PSRR Power Supply Rejection Match (Note 11)
q
77
92
75
92
dB
ELECTRICAL C
C
HARA TERISTICS
LT1113AM
LT1113M
SYMBOL PARAMETER
CONDITIONS (Note 4)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
0.8
2.7
0.9
3.3
mV
VS = ±5V
q
0.8
2.8
0.9
3.4
mV
∆VOS
Average Input Offset
(Note 8)
q
512
8
15
µV/°C
∆Temp Voltage Drift
IOS
Input Offset Current
q
0.8
15
1.0
25
nA
IB
Input Bias Current
q
25
50
27
70
nA
VCM
Input Voltage Range
q
12.6
13.0
12.6
13.0
V
q
–10.0
–10.4
–10.0
–10.4
V
CMRR
Common Mode Rejection Ratio
VCM = –10V to 12.6V
q
79
95
77
92
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±20V
q
80
97
78
95
dB
The q denotes specifications which apply over the temperature range –40
°C ≤ TA ≤ 85°C. VS = ±15V, VCM = 0V,
unless otherwise noted. (Note 10)
The q denotes specifications which apply over the temperature range –55
°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V,
unless otherwise noted. (Note 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com