Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER3003PT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER3003PT
Description  Glass Passivated High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER3003PT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER3003PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER3003PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER3003PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER3003PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
HER3006PT
HER3006PT
(TA=25℃ unless otherwise noted)
Document Number: DS_D1408004
Version: F14
ORDERING INFORMATION
Green compound
DESCRIPTION
EXAMPLE
30 / Tube
PACKING
RATINGS AND CHARACTERISTICS CURVES
HER3006PT C0
C0
HER3006PT C0G
C0
G
Note 1: "xx" defines voltage from 50V (HER3001PT) to 600V (HER3006PT)
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
HER30xxPT
(Note 1)
C0
Suffix "G"
TO-3P
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
HER3001PT thru HER3006PT
Taiwan Semiconductor
0
6
12
18
24
30
36
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
INDUCTIVE OR
RESISTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=25oC
TJ=125oC
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 5- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
50-300V
400V
600V
TJ=25oC
TJ=125oC
Pulse Width=300μs
1% Duty Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com