Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER3003PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER3003PT
Description  Glass Passivated High Efficient Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER3003PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER3003PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER3003PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER3003PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER3003PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Superfast recovery time, high voltage
- Low forward voltage, high current capability
- Low thermal resistance
- Low power loss, high efficiency
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
300
400
600
V
VRMS
35
70
140
210
280
420
V
VDC
50
100
200
300
400
600
V
IF(AV)
A
trr
80
ns
Cj
145
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1408004
Version: F14
Typical junction capacitance (Note 3)
175
Storage temperature range
- 55 to +150
Note 1: 2.0μs Pulse Width, f=1.0KHz
Note 2: Pulse Test : 300μs Pulse Width, 1% Duty Cycle
1.0
1.3
1.7
10
500
Maximum reverse recovery time (Note 2)
Typical thermal resistance
1.4
Operating junction temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
μA
50
Maximum instantaneous forward voltage (Note 2)
IF=15A
VF
V
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
300
A
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
30
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
HER
3001
PT
HER
3002
PT
HER
3003
PT
HER
3004
PT
HER
3005
PT
HER
3006
PT
TO-247AD (TO-3P)
MECHANICAL DATA
Case:
TO-247AD (TO-3P)
Polarity:
As marked
Mounting torque:
10 in-lbs maximum
Weight:
5.6 g (approximately)
HER3001PT thru HER3006PT
wan Semiconductor
Glass Passivated High Efficient Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - HER3003PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER3003PT WTE-HER3003PT Datasheet
50Kb / 3P
30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
HER3003PT TSC-HER3003PT Datasheet
110Kb / 2P
30.0 AMPS. Glass Passivated High Efficient Rectifiers
HER3003PT TSC-HER3003PT Datasheet
386Kb / 2P
30.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER3003PT YANGJIE-HER3003PT Datasheet
895Kb / 2P
30.0 AMPS. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER3003PT TSC-HER3003PT Datasheet
627Kb / 2P
30.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER3003PT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1H1G GOOD-ARK-1H1G Datasheet
186Kb / 2P
Glass Passivated High Efficient Rectifiers
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
Glass Passivated High Efficient Rectifiers
HER151G GOOD-ARK-HER151G Datasheet
182Kb / 2P
Glass Passivated High Efficient Rectifiers
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
Glass Passivated High Efficient Rectifiers
UF1A TSC-UF1A_14 Datasheet
381Kb / 4P
Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com