Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1107CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1107CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1107CS8 Datasheet HTML 4Page - Linear Technology LT1107CS8 Datasheet HTML 5Page - Linear Technology LT1107CS8 Datasheet HTML 6Page - Linear Technology LT1107CS8 Datasheet HTML 7Page - Linear Technology LT1107CS8 Datasheet HTML 8Page - Linear Technology LT1107CS8 Datasheet HTML 9Page - Linear Technology LT1107CS8 Datasheet HTML 10Page - Linear Technology LT1107CS8 Datasheet HTML 11Page - Linear Technology LT1107CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1107
VOUTshould be less than 6.2V. More negative output
voltages can be accommodated as in the prior section.
In Figure 4, the input is negative while the output is
positive. In this configuration, the magnitude of the input
voltage can be higher or lower than the output voltage. A
level shift, provided by the PNP transistor, supplies proper
polarity feedback information to the regulator.
Figure 4. Negative-to-Positive Converter
Using the ILIM Pin
The LT1107 switch can be programmed to turn off at a set
switch current, a feature not found on competing devices.
This enables the input to vary over a wide range without
exceeding the maximum switch rating or saturating the
inductor. Consider the case where analysis shows the
LT1107 must operate at an 800mA peak switch current
with a 2V input. If VIN rises to 4V, the peak switch current
will rise to 1.6A, exceeding the maximum switch current
rating. With the proper resistor selected (see the “Maxi-
mum Switch Current vs RLIM” characteristic), the switch
current will be limited to 800mA, even if the input voltage
increases.
Another situation where the ILIM feature is useful occurs
when the device goes into continuous mode operation.
This occurs in step-up mode when:
V
V
VV
DC
OUT
DIODE
IN
SW
+
−
<
−
1
1
24
()
When the input and output voltages satisfy this relation-
ship, inductor current does not go to zero during the
switch OFF time. When the switch turns on again, the
current ramp starts from the non-zero current level in the
inductor just prior to switch turn-on. As shown in Figure
5, the inductor current increases to a high level before the
comparator turns off the oscillator. This high current can
cause excessive output ripple and requires oversizing the
output capacitor and inductor. With the ILIM feature, the
switch turns off at the programmed current as shown in
Figure 6, keeping output ripple to a minimum.
Figure 6. Current Limit Keeps Inductor Current Under Control
Figure 5. No Current Limit Causes Large Inductor
Current Build-Up
1107 F05
I
OFF
L
ON
SWITCH
1107 F06
I
ON
L
OFF
SWITCH
PROGRAMMED CURRENT LIMIT
+
D1
L1
ILIM
VIN
FB
SW2
GND
C1
LT1107
1107 F04
+VOUT
–VIN
R2
SW1
+
C2
2N3906
R1
VOUT =
1.25V + 0.6V
()R1
R2
R3
+
D1
1N5818
L1
R3
ILIM
VIN
FB
SW2
GND
C1
LT1107
1107 F03
+VIN
–VOUT
R1
R2
SW1
+
C2
Figure 3. Positive-to-Negative Converter
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com