Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1107CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1107CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1107CS8 Datasheet HTML 1Page - Linear Technology LT1107CS8 Datasheet HTML 2Page - Linear Technology LT1107CS8 Datasheet HTML 3Page - Linear Technology LT1107CS8 Datasheet HTML 4Page - Linear Technology LT1107CS8 Datasheet HTML 5Page - Linear Technology LT1107CS8 Datasheet HTML 6Page - Linear Technology LT1107CS8 Datasheet HTML 7Page - Linear Technology LT1107CS8 Datasheet HTML 8Page - Linear Technology LT1107CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1107
ILIM (Pin 1): Connect this pin to VIN for normal use. Where
lower current limit is desired, connect a resistor between
ILIM and VIN. A 220Ω resistor will limit the switch current
to approximately 400mA.
VIN (Pin 2): Input Supply Voltage.
SW1 (Pin 3): Collector of Power Transistor. For step-up
mode connect to inductor/diode. For step-down mode
connect to VIN.
SW2 (Pin 4): Emitter of Power Transistor. For step-up
mode connect to ground. For step-down mode connect to
inductor/diode. This pin must never be allowed to go more
than a Schottky diode drop below ground.
GND (Pin 5): Ground.
AO (Pin 6): Auxiliary Gain Block (GB) Output. Open collector,
can sink 300
µA.
SET (Pin 7): GB Input. GB is an op amp with positive input
connected to SET pin and negative input connected to
1.25V reference.
FB/SENSE (Pin 8): On the LT1107 (adjustable), this pin
goes to the comparator input. On the LT1107-5 and
LT1107-12, this pin goes to the internal application resistor
that sets output voltage.
PI
FU C
S
TI
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Minimum/Maximum Frequency
Minimum/Maximum Frequency
Duty Cycle
vs ON Time, Step-Down Mode
vs ON Time, Step-Up Mode
Step-Down Mode
TEMPERATURE (°C)
–55
–15
25
45
125
1107 G13
–35
5
65
85 105
70
65
60
55
50
45
40
35
TEMPERATURE (°C)
–55
–15
25
45
125
1107 G16
–35
5
65
85 105
5.3
5.2
5.1
5.0
4.9
4.8
4.7
TEMPERATURE (°C)
–55
–15
25
45
125
1107 G17
–35
5
65
85 105
12.20
12.15
12.10
12.05
12.00
11.95
11.90
11.85
11.80
LT1107-5
LT1107-12
LT1107
Output Voltage
Output Voltage
Feedback Voltage
TEMPERATURE (°C)
–55
–15
25
45
125
1107 G18
–35
5
65
85 105
1.30
1.29
1.28
1.27
1.26
1.25
1.24
1.23
1.22
1.21
1.20
ON TIME (
µs)
4
100
90
80
70
60
50
40
30
5
9
11
1107 G11
8
13 14
6
7
10
12
–55
°C ≤ TA ≤ 125°C
0
°C ≤ TA ≤ 70°C
ON TIME (
µs)
6
100
90
80
70
60
50
40
30
7
11
13
1107 G12
10
15 16
8
9
12
14
–55
°C ≤ TA ≤ 125°C
0
°C ≤ TA ≤ 70°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com