Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1127AM Datasheet(PDF) 1 Page - Linear Technology

Part # LT1127AM
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1127AM Datasheet(HTML) 1 Page - Linear Technology

  LT1127AM Datasheet HTML 1Page - Linear Technology LT1127AM Datasheet HTML 2Page - Linear Technology LT1127AM Datasheet HTML 3Page - Linear Technology LT1127AM Datasheet HTML 4Page - Linear Technology LT1127AM Datasheet HTML 5Page - Linear Technology LT1127AM Datasheet HTML 6Page - Linear Technology LT1127AM Datasheet HTML 7Page - Linear Technology LT1127AM Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1126/LT1127
Dual/Quad
Decompensated Low Noise,
High Speed Precision Op Amps
DESCRIPTIO
S
FEATURE
s
100% Tested Low Voltage Noise
2.7nV/
√Hz Typ
4.2nV/
√Hz Max
s
Slew Rate
11V/
µs Typ
s
Gain-Bandwidth Product
65MHz Typ
s
Offset Voltage, Prime Grade
70
µV Max
Low Grade
100
µV Max
s
High Voltage Gain
5 Million Min
s
Supply Current Per Amplifier
3.1mA Max
s
Common Mode Rejection
112dB Min
s
Power Supply Rejection
116dB Min
s
Available in 8-Pin SO Package
The LT1126 dual and LT1127 quad are high performance,
decompensated op amps that offer higher slew rate and
bandwidth than the LT1124 dual and the LT1125 quad
operational amplifiers. The enhanced AC performance is
available without degrading DC specs of the LT1124/
LT1125. Both LT1126/LT1127 are stable in a gain of 10 or
more.
In the design, processing, and testing of the device,
particular attention has been paid to the optimization of the
entire distribution of several key parameters. Slew rate,
gain-bandwidth, and 1kHz noise are 100% tested for each
individual amplifier. Consequently, the specifications of
even the lowest cost grades (the LT1126C and the LT1127C)
have been enhanced.
Power consumption of the dual LT1126 is less than one
half of two OP-37s. Low power and high performance in an
8-pin SO package makes the LT1126 a first choice for
surface mounted systems and where board space is
restricted.
Protected by U.S. patents 4,775,884 and 4,837,496.
S
APPLICATI
s
Two and Three Op Amp Instrumentation Amplifiers
s
Low Noise Signal Processing
s
Active Filters
s
Microvolt Accuracy Threshold Detection
s
Strain Gauge Amplifiers
s
Direct Coupled Audio Gain Stages
s
Tape Head Preamplifiers
s
Microphone Preamplifiers
s
Accelerometer Amplifiers
s
Infrared Detectors
Low Noise, Wide Bandwidth Instrumentation Amplifier
GAIN = 1000, BANDWIDTH = 480kHz
INPUT REFERRED NOISE = 4.5nV/ Hz AT 1kHz, 6
µV
RMS OVER BANDWIDTH
+
–
1/4
LT1127
LT1126 • TA01
OUTPUT
1/4
LT1127
10k
620
6.2k
200
6.2k
10k
√
Ω
– INPUT
Ω
620
Ω
+ INPUT
1/4
LT1127
+
–
+
–
FREQUENCY (Hz)
3
10
30
100
0.1
10
100
1000
LT1126 • TA07
1
1.0
MAXIMUM
TYPICAL
V = 15V
T = 25°C
S
A
±
1/f CORNER
2.3Hz
Voltage Noise vs Frequency


Similar Part No. - LT1127AM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1127AMJ LINER-LT1127AMJ Datasheet
270Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1127AM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com