Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1127AM Datasheet(PDF) 4 Page - Linear Technology

Part # LT1127AM
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1127AM Datasheet(HTML) 4 Page - Linear Technology

  LT1127AM Datasheet HTML 1Page - Linear Technology LT1127AM Datasheet HTML 2Page - Linear Technology LT1127AM Datasheet HTML 3Page - Linear Technology LT1127AM Datasheet HTML 4Page - Linear Technology LT1127AM Datasheet HTML 5Page - Linear Technology LT1127AM Datasheet HTML 6Page - Linear Technology LT1127AM Datasheet HTML 7Page - Linear Technology LT1127AM Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1126/LT1127
VS = ±15V, −40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 9)
ELECTRICAL C
C
HARA TERISTICS V
S = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1126AC
LT1126C
LT1127AC
LT1127C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1126
q
35
120
45
170
µV
LT1127
q
40
140
50
210
µV
∆VOS/∆T
Average Input Offset Voltage Drift
(Note 4)
q
0.3
1.0
0.4
1.5
µV/°C
IOS
Input Offset Current
LT1126
q
625
7
35
nA
LT1127
q
735
8
45
nA
IB
Input Bias Current
q
± 8
± 35
± 9
± 45
nA
VCM
Input Voltage Range
q
± 11.5 ± 12.4
± 11.5 ± 12.4
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.5V
q
109
125
102
122
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
q
112
125
107
122
dB
AVOL
Large Signal Voltage Gain
RL ≥ 10kΩ, VO = ±10V
q
4.0
15.0
2.5
14.0
V/
µV
RL ≥ 2kΩ, VO = ±10V
q
1.5
3.5
1.0
2.5
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ
q
± 12.5 ± 13.7
± 12.0 ± 13.7
V
SR
Slew Rate
RL ≥ 2kΩ (Notes 2 and 6)
q
7.5
10.5
7.3
10.5
V/
µs
IS
Supply Current Per Amplifier
q
2.7
3.3
2.7
3.3
mA
LT1126AC
LT1126C
LT1127AC
LT1127C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1126
q
40
140
50
200
µV
LT1127
q
45
160
55
240
µV
∆VOS/∆T
Average Input Offset Voltage Drift
q
0.3
1.0
0.4
1.5
µV/°C
IOS
Input Offset Current
LT1126
q
15
40
17
55
nA
LT1127
q
15
50
17
65
nA
IB
Input Bias Current
q
± 15
± 50
± 17
± 65
nA
VCM
Input Voltage Range
q
± 11.4 ± 12.2
± 11.4 ± 12.2
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.4V
q
107
124
101
121
dB
PSRR
Power Supply Rejection Ratio
VS = ± 4V to ±18V
q
111
124
106
121
dB
AVOL
Large Signal Voltage Gain
RL ≥ 10kΩ, VO = ±10V
q
3.5
12.0
2.2
12.0
V/
µV
RL ≥ 2kΩ, VO = ±10V
q
1.2
3.2
0.8
2.3
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ
q
± 12.5 ± 13.6
± 12.0 ± 13.6
V
SR
Slew Rate
RL ≥ 2kΩ (Note 6)
q
7.3
10.2
7.1
10.2
V/
µs
IS
Supply Current Per Amplifier
q
2.8
3.4
2.8
3.4
mA
ELECTRICAL C
C
HARA TERISTICS
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
The typical behavior of many LT1126/LT1127 parameters
is identical to the LT1124/LT1125. Please refer to the
LT1124/LT1125 data sheet for the following performance
characteristics:
0.1Hz to 10Hz Voltage Noise
0.01Hz to 1Hz Voltage Noise
Current Noise vs Frequency
Input Bias or Offset Current vs Temperature
Output Short Circuit Current vs Time
Input Bias Current Over the Common Mode Range
Voltage Gain vs Temperature
Input Offset Voltage Drift Distribution
Offset Voltage Drift with Temperature of Representative
Units
Output Voltage Swing vs Load Current
Common Mode Limit vs Temperature
Channel Separation vs Frequency
Warm-Up Drift
Power Supply Rejection Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com