Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1127C Datasheet(PDF) 2 Page - Linear Technology

Part # LT1127C
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1127C Datasheet(HTML) 2 Page - Linear Technology

  LT1127C Datasheet HTML 1Page - Linear Technology LT1127C Datasheet HTML 2Page - Linear Technology LT1127C Datasheet HTML 3Page - Linear Technology LT1127C Datasheet HTML 4Page - Linear Technology LT1127C Datasheet HTML 5Page - Linear Technology LT1127C Datasheet HTML 6Page - Linear Technology LT1127C Datasheet HTML 7Page - Linear Technology LT1127C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1126/LT1127
Operating Temperature Range
LT1126AM/LT1126M
LT1127AM/LT1127M ........................ –55
°C to 125°C
LT1126AC/LT1126C
LT1127AC/LT1127C ............................ –40
°C to 85°C
Storage Temperature Range
All Grades ......................................... –65
°C to 150°C
Supply Voltage .....................................................
±22V
Input Voltage ............................ Equal to Supply Voltage
Output Short Circuit Duration .......................... Indefinite
Differential Input Current (Note 5) ......................
±25mA
Lead Temperature (Soldering, 10 sec.)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
8
7
6
5
4
3
2
1
+
–IN A
+IN A
V
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
J8 PACKAGE
8-LEAD CERAMIC DIP
OUT A
LT1126 • POI02
OUT B
–
V
–IN B
+IN B
A
B
LT1126AM/AC
LT1126M/C
LT1127AM/AC
LT1127M/C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1126
20
70
25
100
µV
LT1127
25
90
30
140
µV
∆VOS
Long Term Input Offset
0.3
0.3
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
LT1126
5
15
6
20
nA
LT1127
6
20
7
30
nA
IB
Input Bias Current
± 7
± 20
± 8
± 30
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Notes 7 and 8)
70
200
70
nVp-p
VS = ±15V, TA = 25°C, unless otherwise noted.
+
+IN A
V
–
V
8
7
6
5
4
3
2
1
+IN B
–IN B
–IN A
TOP VIEW
LT1126 • POI01
OUT A
A
B
OUT B
S8 PACKAGE
8-LEAD PLASTIC SOIC
NOTE: THIS PIN CONFIGURATION DIFFERS FROM THE
8-PIN DIP CONFIGURATION. INSTEAD, IT FOLLOWS
THE INDUSTRY STANDARD LT1013DS8 SO PACKAGE
PIN LOCATIONS
+
V
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
V –
–IN D
OUT D
+IN D
+IN C
–IN C
D
A
C
B
LT1126 • POI03
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
NC
NC
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SOL
LT1126AMJ8
LT1126MJ8
LT1126CJ8
LT1126ACN8
LT1126CN8
ELECTRICAL C
C
HARA TERISTICS
N PACKAGE
14-LEAD PLASTIC DIP
J PACKAGE
14-LEAD CERAMIC DIP
LT1126 • POI04
+
V
D
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
LT1126CS8
S8 PART
MARKING
1126
LT1127CS
LT1127AMJ
LT1127MJ
LT1127CJ
LT1127ACN
LT1127CN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com