Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1127C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1127C
Description  Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1127C Datasheet(HTML) 5 Page - Linear Technology

  LT1127C Datasheet HTML 1Page - Linear Technology LT1127C Datasheet HTML 2Page - Linear Technology LT1127C Datasheet HTML 3Page - Linear Technology LT1127C Datasheet HTML 4Page - Linear Technology LT1127C Datasheet HTML 5Page - Linear Technology LT1127C Datasheet HTML 6Page - Linear Technology LT1127C Datasheet HTML 7Page - Linear Technology LT1127C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1126/LT1127
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
*See LT1115 data sheet for definition of CCIF testing
Gain, Phase Shift vs Frequency
Small-Signal Transient Response
Large-Signal Transient Response
Common Mode Rejection Ratio vs
Voltage Gain vs Frequency
Frequency
Supply Current vs Supply Voltage
Total Harmonic Distortion
Total Harmonic Distortion
and Noise vs Frequency for
and Noise vs Frequency for
Intermodulation Distortion
Inverting Gain
Non-Inverting Gain
(CCIF Method)* vs Frequency
FREQUENCY (Hz)
0.010
0.1
20
1k
10k
20k
LT1126 • TPC07
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = –10
AV = –100
FREQUENCY (Hz)
0.010
0.1
20
1k
10k
20k
LT1126 • TPC08
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = +10
AV = +100
FREQUENCY (Hz)
3k
10k
20k
LT1126 • TPC09
ZL = 2k/15pF
f (IM) = 1kHz
fO = 13.5kHz
VO = 20Vp-p
AV = –10
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
LT1126
0.010
0.1
0.001
0.0001
– 10V
10V
AVCL = –10V
LT1126 • TPC03
VS = ±15V
0V
50mV
– 50mV
0mV
FREQUENCY (MHz)
0.1
–10
10
30
40
50
1.0
10
100
LT1126 • TPC01
0
20
180
140
100
80
60
160
120
V = 15V
T = 25°C
C = 10pF
S
A
L
±
GAIN
Ø
FREQUENCY (Hz)
40
100
120
LT1126 • TPC04
1
0.01
100
10k
1M
100M
–20
0
20
60
140
160
180
80
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
80
100
120
140
160
1k
100k
1M
10M
LT1126 • TPC05
10k
60
40
20
0
TA = 25°C
VS = ±15V
VCM = ±10V
SUPPLY VOLTAGE (V)
0
0
1
2
3
510
15
20
LT1126 • TPC06A
±±
±
±
25°C
125°C
–55°C
AVCL = –10V
LT1126 • TPC02
VS = ±15V OR ±5V
CL = 15pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com