Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10200CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRF10200CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRF10200CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRF10200CT Datasheet HTML 1Page - Diodes Incorporated MBRF10200CT Datasheet HTML 2Page - Diodes Incorporated MBRF10200CT Datasheet HTML 3Page - Diodes Incorporated MBRF10200CT Datasheet HTML 4Page - Diodes Incorporated MBRF10200CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR10200CT / MBRF10200CT
Document number: DS36512 Rev. 6 - 2
3 of 5
www.diodes.com
April 2015
© Diodes Incorporated
MBR10200CT / MBRF10200CT
I
AVERAGE FORWARD CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
0.0
2.0
4.0
6.0
8.0
10.0
0
5
10
15
T = 175°C
J
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 2 Typical Forward Characteristics
T = 85°C
A
T = 150°C
A
T = 175°C
A
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 125°C
A
T = 25°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
10
1
0.1
0.001
0.0001
0.00001
0.01
T = 25°C
A
T = 150°C
A
T = 175°C
A
0
50
100
150
200
T = 85°C
A
T = 125°C
A
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
25
50
75
100
125
150
175
Figure 4 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com