Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10200CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRF10200CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRF10200CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRF10200CT Datasheet HTML 1Page - Diodes Incorporated MBRF10200CT Datasheet HTML 2Page - Diodes Incorporated MBRF10200CT Datasheet HTML 3Page - Diodes Incorporated MBRF10200CT Datasheet HTML 4Page - Diodes Incorporated MBRF10200CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBR10200CT / MBRF10200CT
Document number: DS36512 Rev. 6 - 2
Product Summary
MBR10200CT / MBRF10200CT (Per Leg)
Description and Applications
This Schottky Barrier Rectifier is designed to
requirements of commercial applications. It is ideally suited for use as
a:
•
Polarity Protection Diode
•
Re-Circulating Diode
•
Switching Diode
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
200
5
0.91
Ordering Information (Notes 4)
Part Number
MBR10200CT-LJ
MBRF10200CT-LJ
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/produc
Marking Information
TO-220AB
Top View
TO-220AB
Bottom View
MBR10200CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 1
WW = Week (01 - 53)
1 of 5
www.diodes.com
MBR10200CT / MBRF
10A SCHOTTKY BARRIER RECTIFIER
to meet the general
requirements of commercial applications. It is ideally suited for use as
IR (MAX) (mA)
@ +25°C
0.1
Features and Benefits
•
Guard Ring Die Construction for Transient Protection
•
High Surge Current Capability
•
Low Forward Voltage Drop
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: TO220AB, ITO-220AB
•
Case Material: Molded Plastic, “Green” Molding
UL Flammability Classification Rating 94V
•
Moisture Sensitivity: Level 1 per J
•
Terminals: Finish - Matte Tin Annealed over Copper
Solderable per MIL-STD-202, Method 208
•
Polarity: See Below
•
Weight: TO-220AB – 1.95 grams (
ITO-220AB – 1.69 grams (
Case
TO220AB (Type C)
ITO-220AB (TO220F-3)
2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Hal
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
For packaging details, go to our website at http://www.diodes.com/products/packages.html.
ITO-220AB
Top View
Package Pin Out
ITO-220AB
Bottom View
MBRF10200CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last Two Digits of
WW = Week (01 - 53)
= Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
ear (ex: 13 = 2013)
Green
April 2015
© Diodes Incorporated
CT / MBRF10200CT
0A SCHOTTKY BARRIER RECTIFIER
Die Construction for Transient Protection
Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Q101 Standards for High Reliability
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
nnealed over Copper Leadframe.
202, Method 208
grams (Approximate)
grams (Approximate)
Packaging
50 pieces/tube
50 pieces/tube
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
Package Pin Out
Configuration
= Product Type Marking Code
and Assembly Code
YYWW = Date Code Marking
igits of Year (ex: 13 = 2013)
53)


Similar Part No. - MBRF10200CT

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MBRF10200CT DIOTECH-MBRF10200CT Datasheet
866Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
MBRF10200CT KEC-MBRF10200CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Taiwan Semiconductor Co...
MBRF10200CT TSC-MBRF10200CT Datasheet
187Kb / 2P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Tak Cheong Electronics ...
MBRF10200CT TAK_CHEONG-MBRF10200CT Datasheet
154Kb / 4P
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
logo
Rugao Dachang Electroni...
MBRF10200CT DACHANG-MBRF10200CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
More results

Similar Description - MBRF10200CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com