Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR20100CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR20100CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR20100CT Datasheet HTML 1Page - Diodes Incorporated MBR20100CT Datasheet HTML 2Page - Diodes Incorporated MBR20100CT Datasheet HTML 3Page - Diodes Incorporated MBR20100CT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR20100CT / MBRF20100CT
Document number: DS36343 Rev. 8 - 2
1 of 4
www.diodes.com
November 2013
© Diodes Incorporated
MBR20100CT / MBRF20100CT
20A SCHOTTKY BARRIER RECTIFIER
Product Summary
MBR20100CT / MBRF20100CT (Per Leg)
Description and Applications
This Schottky Barrier Rectifier has been designed to meet the
general requirements of commercial applications. It is ideally suited for
use as:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
100
10
0.84
0.05
Features and Benefits
Guard Ring Die Construction for Transient Protection.
High Surge Current Capability.
Low Forward Voltage Drop.
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO-220AB, ITO-220AB
Case Material: Molded Plastic, “Green” Molding compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: TO-220AB – 1.95 grams (approximate)
ITO-220AB – 1.69 grams (approximate)
Ordering Information (Notes 4)
Part Number
Case
Packaging
MBR20100CT
TO-220AB
50 pieces/tube
MBRF20100CT-JT
ITO-220AB (Alternate)
50 pieces/tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
TO-220AB
Top View
ITO-220AB
Top View
Package Pin Out
Configuration
TO-220AB
Bottom View
ITO-220AB
Bottom View
MBRF20100CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 13 = 2013)
WW = Week (01 - 53)
MBR20100CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 13 = 2013)
WW = Week (01 - 53)
 
Green


Similar Part No. - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR20100CT MOTOROLA-MBR20100CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR20100CT DIODES-MBR20100CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Micro Commercial Compon...
MBR20100CT MCC-MBR20100CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBR20100CT IRF-MBR20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
More results

Similar Description - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Shenzhen Luguang Electr...
MBR20150CTP LUGUANG-MBR20150CTP Datasheet
3Mb / 3P
20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
DIYI Electronic Technol...
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com