Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBR20100CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR20100CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBR20100CT Datasheet HTML 1Page - Diodes Incorporated MBR20100CT Datasheet HTML 2Page - Diodes Incorporated MBR20100CT Datasheet HTML 3Page - Diodes Incorporated MBR20100CT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR20100CT / MBRF20100CT
Document number: DS36343 Rev. 8 - 2
3 of 4
www.diodes.com
November 2013
© Diodes Incorporated
MBR20100CT / MBRF20100CT
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
10
020
40
60
80
100
1
0.1
0.001
0.0001
0.00001
0.01
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
T , AMBIENT TEMPERATURE (°C)
A
Figure 4 Forward Current Derating Curve
Note 5
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
255075
100
125
150
175
TO220AB
Dim
Min
Typ
Max
A
3.56
-
4.82
A1
0.51
-
1.39
A2
2.04
-
2.92
b
0.39 0.81 1.01
b2
1.15 1.24 1.77
c
0.356
-
0.61
D
14.22
-
16.51
D1
8.39
-
9.01
e
2.54
e1
5.08
E
9.66
-
10.66
H1
5.85
-
6.85
L
12.70
-
14.73
L1
-
-
6.35
P
3.54
-
4.08
Q
2.54
-
3.42
All Dimensions in mm
ITO220AB
Alternate
Dim
Min
Max
A
4.36
4.77
A1
2.54
3.10
A2
2.54
2.80
b
0.55
0.75
b1
1.20
1.50
c
0.38
0.68
D
14.50
15.50
D1
8.38
8.89
e
2.41
2.67
E
9.72
10.27
L
9.87
10.67
L1
15.8
17.00
P
3.08
3.39
Q
2.60
3.00
All Dimensions in mm
A
A1
c
D
E
b
e1
b2
P
H1
Q
L1
A2
e
D1
*Guaranteed by TO-220AB leadframe design
A
A1
D1
A2
c
e
b
b1
L
L1
D
Q
E
Ø
P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com