Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1167CS8
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1167CS8 Datasheet HTML 12Page - Linear Technology LT1167CS8 Datasheet HTML 13Page - Linear Technology LT1167CS8 Datasheet HTML 14Page - Linear Technology LT1167CS8 Datasheet HTML 15Page - Linear Technology LT1167CS8 Datasheet HTML 16Page - Linear Technology LT1167CS8 Datasheet HTML 17Page - Linear Technology LT1167CS8 Datasheet HTML 18Page - Linear Technology LT1167CS8 Datasheet HTML 19Page - Linear Technology LT1167CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1167
APPLICATIONS INFORMATION
important, R6 and C2 make up a 0.3Hz highpass filter.
The AC signal at LT1112’s Pin 5 is amplified by a gain of
101 set by (R7/R8) +1. The parallel combination of C3
and R7 form a lowpass filter that decreases this gain at
frequencies above 1kHz. The ability to operate at
±3V on
0.9mA of supply current makes the LT1167 ideal for
battery-powered applications. Total supply current for
this application is 1.7mA. Proper safeguards, such as
isolation, must be added to this circuit to protect the
patient from possible harm.
Low IB Favors High Impedance Bridges,
Lowers Dissipation
The LT1167’s low supply current, low supply voltage
operation and low input bias currents optimize it for
battery-powered applications. Low overall power dissi-
pation necessitates using higher impedance bridges. The
single supply pressure monitor application (Figure 9)
shows the LT1167 connected to the differential output of
a 3.5k bridge. The bridge’s impedance is almost an order
of magnitude higher than that of the bridge used in the
error-budget table. The picoampere input bias currents
keep the error caused by offset current to a negligible
level. The LT1112 level shifts the LT1167’s reference pin
and the ADC’s analog ground pins above ground. The
LT1167’s and LT1112’s combined power dissipation is
still less than the bridge’s. This circuit’s total supply
current is just 2.8mA.
3
+IN
RX
VX
IL
–IN
8
1
1167 F07
–VS
VS
5
2
3
4
7
6
1/2
LT1464
RG
2
1
LOAD
IL =
=
[(+IN) – (–IN)]G
RX
VX
RX
G =
+ 1
49.4k
Ω
RG
–
+
LT1167
REF
Figure 8. Nerve Impulse Amplifier
2
2
–IN
PATIENT
GROUND
OUTPUT
1V/mV
+IN
1
1
8
R6
1M
R7
10k
R8
100
Ω
1167 F08
AV = 101
POLE AT 1kHz
5
5
4
–3V
–3V
3V
3V
7
6
8
4
7
6
1/2
LT1112
1/2
LT1112
R4
30k
R3
30k
R1
12k
C1
0.01
µF
RG
6k
3
3
R2
1M
C2
0.47
µF
0.3Hz
HIGHPASS
C3
15nF
PATIENT/CIRCUIT
PROTECTION/ISOLATION
–
+
LT1167
G = 10
+
–
Nerve Impulse Amplifier
The LT1167’s low current noise makes it ideal for high
source impedance EMG monitors. Demonstrating the
LT1167’s ability to amplify low level signals, the circuit in
Figure 8 takes advantage of the amplifier’s high gain and
low noise operation. This circuit amplifies the low level
nerve impulse signals received from a patient at Pins 2
and 3. RG and the parallel combination of R3 and R4 set
a gain of ten. The potential on LT1112’s Pin 1 creates a
ground for the common mode signal. C1 was chosen to
maintain the stability of the patient ground. The LT1167’s
high CMRR ensures that the desired differential signal is
amplified and unwanted common mode signals are at-
tenuated. Since the DC portion of the signal is not
Figure 7. Precision Voltage-to-Current Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com