Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1167CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1167CS8
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1167CS8 Datasheet HTML 2Page - Linear Technology LT1167CS8 Datasheet HTML 3Page - Linear Technology LT1167CS8 Datasheet HTML 4Page - Linear Technology LT1167CS8 Datasheet HTML 5Page - Linear Technology LT1167CS8 Datasheet HTML 6Page - Linear Technology LT1167CS8 Datasheet HTML 7Page - Linear Technology LT1167CS8 Datasheet HTML 8Page - Linear Technology LT1167CS8 Datasheet HTML 9Page - Linear Technology LT1167CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1167
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Nonlinearity, G = 1
Gain Nonlinearity, G = 100
Gain Nonlinearity, G = 10
OUTPUT VOLTAGE (2V/DIV)
G = 1
RL = 2k
VOUT = ±10V
1167 G01
OUTPUT VOLTAGE (2V/DIV)
G = 10
RL = 2k
VOUT = ±10V
1167 G02
OUTPUT VOLTAGE (2V/DIV)
G = 100
RL = 2k
VOUT = ±10V
1167 G03
Gain Nonlinearity, G = 1000
OUTPUT VOLTAGE (2V/DIV)
G = 1000
RL = 2k
VOUT = ±10V
1167 G04
Gain Error vs Temperature
TEMPERATURE (
°C)
–50
– 0.20
– 0.10
– 0.05
0
50
0.20
1167 G06
– 0.15
0
–25
75
G = 1
25
100
0.05
0.10
0.15
VS = ±15V
VOUT = ±10V
RL = 2k
*DOES NOT INCLUDE
TEMPERATURE EFFECTS
OF R G
G = 10*
G = 1000*
G = 100*
Gain Nonlinearity vs Temperature
TEMPERATURE (
°C)
–50
70
25
1167 G05
40
20
–25
0
50
10
0
80
60
50
30
75
100
150
G = 1000
G = 100
G = 1, 10
VS = ±15V
VOUT = –10V TO 10V
RL = 2k
Distribution of Input
Offset Voltage, TA = – 40°C
Distribution of Input
Offset Voltage, TA = 25°C
Distribution of Input
Offset Voltage, TA = 85°C
INPUT OFFSET VOLTAGE (
µV)
–80
20
30
1167 G40
10
0
–60 – 40 –20
20
40
60
0
40
15
25
5
35
VS = ±15V
G = 1000
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS
INPUT OFFSET VOLTAGE (
µV)
– 60
– 40
– 20
0
20
40
60
20
25
30
1167 G41
15
10
0
5
VS = ±15V
G = 1000
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS
INPUT OFFSET VOLTAGE (
µV)
–80
20
30
1167 G42
10
0
–60 – 40 –20
20
40
60
0
40
15
25
5
35
VS = ±15V
G = 1000
137 N8 (2 LOTS)
165 S8 (3 LOTS)
302 TOTAL PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com