Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1182 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1182
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1182 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1182 Datasheet HTML 9Page - Linear Technology LT1182 Datasheet HTML 10Page - Linear Technology LT1182 Datasheet HTML 11Page - Linear Technology LT1182 Datasheet HTML 12Page - Linear Technology LT1182 Datasheet HTML 13Page - Linear Technology LT1182 Datasheet HTML 14Page - Linear Technology LT1182 Datasheet HTML 15Page - Linear Technology LT1182 Datasheet HTML 16Page - Linear Technology LT1182 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1182/LT1183/LT1184/LT1184F
BLOCK DIAGRAM
LT1182/LT1183 CCFL/LCD Contrast Regulator Top Level Block Diagram
FBN
10
–
+
ILIM
AMP2
COMP2
COMP1
UNDER-
VOLTAGE
LOCKOUT
THERMAL
SHUTDOWN
2.4V
REGULATOR
SHUTDOWN
200kHz
OSC
DRIVE 2
SHUTDOWN
9
6
LCD
VSW
LCD
PGND
LCD
VC
FBP
ICCFL
AGND
DIO
BULB
CCFL
VC
CCFL
PGND
CCFL
VSW
ROYER
BAT
VIN
LOGIC 2
ANTI-
SAT2
LOGIC 1
DRIVE 1
LCD
GAIN = 4.4
GAIN = 4.4
Q3
2
×
Q5
1
×
Q4
5
×
Q8
1
×
Q10
2
×
R1
0.125
Ω
R4
0.1
Ω
LT1183: FBP AND FBN ARE TIED TOGETHER TO CREATE FB
AT PIN 10. THE REFERENCE IS BROUGHT OUT TO PIN 11.
R2
0.25
Ω
Q6
2
×
R3
1k
D2
6V
D1
Q11
Q1
Q2
13
14
12
Q7
9
×
Q9
3
×
8
7
11
25
3
15
4
16
1
V2
1.24V
V1
0.45V
–
+
CCFL
0
µA TO
100
µA
–12mV
–
+
gm
––
++
–
+
ILIM
AMP1
ANTI-
SAT1
1182 BD01
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com