Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1182 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1182
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1182 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1182 Datasheet HTML 16Page - Linear Technology LT1182 Datasheet HTML 17Page - Linear Technology LT1182 Datasheet HTML 18Page - Linear Technology LT1182 Datasheet HTML 19Page - Linear Technology LT1182 Datasheet HTML 20Page - Linear Technology LT1182 Datasheet HTML 21Page - Linear Technology LT1182 Datasheet HTML 22Page - Linear Technology LT1182 Datasheet HTML 23Page - Linear Technology LT1182 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LT1182/LT1183/LT1184/LT1184F
TYPICAL APPLICATIONS N
LT1184F Floating CCFL with Potentiometer Control of Lamp Current
16
15
14
13
12
11
10
9
BAT
8V TO 28V
1
2
3
4
5
6
7
8
ICCFL
DIO
CCFL VC
AGND
SHDN
NC
CCFL VSW
BULB
BAT
ROYER
VIN
REF
NC
CCFL
PGND
NC
LT1184F
LAMP
UP TO 6mA
10
6
L1
R1
750
Ω
L2
100
µH
3
2
1
5
4
+
+
ALUMINUM ELECTROLYTIC IS RECOMMENDED FOR C3B WITH AN
ESR
≥ 0.5Ω TO PREVENT DAMAGE TO THE LT1184F HIGH-SIDE
SENSE RESISTOR DUE TO SURGE CURRENTS AT TURN-ON.
C7, 1
µF
C1*
0.068
µF
D1
1N5818
C5
1000pF
R2
220k
R3
100k
C3A
2.2
µF
35V
C4
2.2
µF
1182 TA03
VIN
≥ 3V
C3B
2.2
µF
35V
C2
27pF
3kV
+
C1 MUST BE A LOW LOSS CAPACITOR, C1 = WIMA MKP-20
Q1, Q2 = ZETEX ZTX849 OR ROHM 2SC5001
L1 = COILTRONICS CTX210605
L2 = COILTRONICS CTX100-4
*DO NOT SUBSTITUTE COMPONENTS
COILTRONICS (407) 241-7876
Q2*
Q1*
SHUTDOWN
0
µA TO 45µA ICCFL CURRENT GIVES
0mA TO 6mA LAMP CURRENT FOR A
TYPICAL DISPLAY.
R5
50k
10 TURN
R4
15.4k
1%
D5
BAT85
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com