Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1184CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1184CS
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1184CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1184CS Datasheet HTML 7Page - Linear Technology LT1184CS Datasheet HTML 8Page - Linear Technology LT1184CS Datasheet HTML 9Page - Linear Technology LT1184CS Datasheet HTML 10Page - Linear Technology LT1184CS Datasheet HTML 11Page - Linear Technology LT1184CS Datasheet HTML 12Page - Linear Technology LT1184CS Datasheet HTML 13Page - Linear Technology LT1184CS Datasheet HTML 14Page - Linear Technology LT1184CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1182/LT1183/LT1184/LT1184F
Bulb (Pin 15): This pin connects to the low side of a 7V
threshold comparator between the BAT and Bulb pins.
This circuit sets the maximum voltage level across the
primary side of the Royer converter under all operating
conditions and limits the maximum secondary output
under start-up conditions or open lamp conditions. This
eases transformer voltage rating requirements. Set the
voltage limit to insure lamp start-up with worst-case, lamp
start voltages and cold-temperature system operating
conditions. The Bulb pin connects to the junction of an
external divider network. The divider network connects
from the center tap of the Royer transformer or the actual
battery supply voltage to the top side of the current source
“tail inductor”. A capacitor across the top of the divider
network filters switching ripple and sets a time constant
that determines how quickly the clamp activates. When
the comparator activates, sink current is generated to pull
the CCFL VC pin down. This action transfers the entire
regulator loop from current mode operation into voltage
mode operation.
BAT (Pin 14): This pin connects to the battery or battery
charger voltage from which the CCFL Royer converter and
LCD contrast converter operate. This voltage is typically
higher than the VIN supply voltage but can be equal or less
than VIN. However, the BAT voltage must be at least 2.1V
greater than the internal 2.4V regulator or 4.5V minimum
up to 30V maximum. This pin provides biasing for the
lamp current programming block, is used with the Royer
pin for floating lamp configurations, and connects to one
input for the open lamp protection circuitry. For floating
lamp configurations, this pin is the noninverting terminal
of a high-side current sense amplifier. The typical quies-
cent current is 50
µA into the pin. The BAT and Royer pins
monitor the primary side Royer converter current through
an internal 0.1
Ωtop side current sense resistor. A 0A to 1A
primary side, center tap converter current is translated to
an input signal range of 0mV to 100mV for the current
sense amplifier. This input range translates to a 0
µA to
500
µAsinkcurrentattheCCFLVCpinthatnullsagainstthe
source current provided by the programmer circuit. The
BAT pin also connects to the top side of an internal clamp
between the BAT and Bulb pins.
PIN FUNCTIONS
Royer (Pin 13): This pin connects to the center-tapped
primary of the Royer converter and is used with the BAT
pin in a floating lamp configuration where lamp current is
controlled by sensing Royer primary side converter cur-
rent. This pin is the inverting terminal of a high-side
current sense amplifier. The typical quiescent current is
50
µA into the pin. If the CCFL regulator is not used in a
floating lamp configuration, tie the Royer and BAT pins
together. This pin is only available on the LT1182/LT1183/
LT1184F.
VIN (Pin 12): This pin is the supply pin for the LT1182/
LT1183/LT1184/LT1184F. The ICs accept an input voltage
range of 3V minimum to 30V maximum with little change
in quiescent current (zero switch current). An internal,
low dropout regulator provides a 2.4V supply for most of
the internal circuitry. Supply current increases as switch
current increases at a rate approximately 1/50 of switch
current. This corresponds to a forced Beta of 50 for each
switch. The ICs incorporate undervoltage lockout by sens-
ing regulator dropout and lockout switching for input
voltages below 2.5V. Hysteresis is not used to maximize
the useful range of input voltage. The typical input voltage
is a 3.3V or 5V logic supply.
LT1182/LT1183
LCD VC (Pin 7): This pin is the output of the LCD contrast
error amplifier and the input of the current comparator for
the LCD contrast regulator. Its uses include frequency
compensation and current limiting. The voltage on the
LCD VC pin determines the current trip level for switch
turnoff. During normal operation, this pin sits at a voltage
between 0.95V (zero switch current) and 2.0V (maximum
switch current). The LCD VC pin has a high impedance
output and permits external voltage clamping to adjust
current limit. A series R/C network to ground provides
stable loop compensation.
LCD PGND (Pin 8): This pin is the emitter of an internal
NPN power switch. LCD contrast switch current flows
through this pin and permits internal, switch-current
sensing. The regulators provide a separate analog ground
and power ground(s) to isolate high current ground paths
from low current signal paths. Linear Technology recom-
mends star-ground layout techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com