Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1184CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1184CS
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1184CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1184CS Datasheet HTML 3Page - Linear Technology LT1184CS Datasheet HTML 4Page - Linear Technology LT1184CS Datasheet HTML 5Page - Linear Technology LT1184CS Datasheet HTML 6Page - Linear Technology LT1184CS Datasheet HTML 7Page - Linear Technology LT1184CS Datasheet HTML 8Page - Linear Technology LT1184CS Datasheet HTML 9Page - Linear Technology LT1184CS Datasheet HTML 10Page - Linear Technology LT1184CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LT1182/LT1183/LT1184/LT1184F
TYPICAL PERFORMANCE CHARACTERISTICS
CCFL VC Switching Threshold
Voltage vs Temperature
TEMPERATURE (
°C)
–75
0.6
0.7
0.9
1.0
1.1
1.3
–50
50
100
LT1182 • G19
0.8
1.2
25
150 175
–25 0
75
125
LCD VC Low Clamp Voltage
vs Temperature
TEMPERATURE (
°C)
–50
–75
0
0.10
0.03
0.04
0.05
1.00
0.07
0
50
75
LT1182 • G20
0.02
0.08
0.09
0.06
–25
25
100
125
LCD VC High Clamp Voltage
vs Temperature
TEMPERATURE (
°C)
–75
1.7
1.8
2.0
2.1
2.2
2.4
–50
50
100
LT1182 • G21
1.9
2.3
25
150 175
–25 0
75
125
LCD VC Switching Threshold
Voltage vs Temperature
TEMPERATURE (
°C)
–75
0.6
0.7
0.9
1.0
1.1
1.3
–50
50
100
LT1182 • G22
0.8
1.2
25
150 175
–25 0
75
125
CCFL High-Side Sense Null
Current vs Temperature
TEMPERATURE (
°C)
0.940
0.980
0.960
1.020
1.000
1.060
1.040
–25
25
75
125
LT1182 • G23
175
–50
–75
0
50
100
150
CCFL High-Side Sense Null Current
Line Regulation vs Temperature
TEMPERATURE (
°C)
–75
0.120
0.160
125
LT1182 • G24
0.080
0.040
0.000
–25
25
75
175
0.100
0.140
0.060
0.020
100
–50
0
50
150
TEMPERATURE (
°C)
–75
110
130
150
140
120
100
80
60
125 150
LT1182 • G25
90
70
50
–25 0
–50
25 50
75 100
175
CCFL High-Side Sense Supply
Current vs Temperature
Bulb Protect Servo Voltage
vs Temperature
TEMPERATURE (
°C)
–75
7.1
7.3
7.5
7.4
7.2
7.0
6.8
6.6
125 150
LT1182 • G26
6.9
6.7
6.5
–25 0
–50
25 50
75 100
175
ICCFL = 10µA
ICCFL = 50µA
ICCFL = 100µA
Bulb Input Bias Current
vs Temperature
TEMPERATURE (
°C)
6
8
10
LT1182 • G27
4
2
0
–75
125 150
–25 0
–50
25 50
75 100
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com