Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1183CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1183CS
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1183CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1183CS Datasheet HTML 5Page - Linear Technology LT1183CS Datasheet HTML 6Page - Linear Technology LT1183CS Datasheet HTML 7Page - Linear Technology LT1183CS Datasheet HTML 8Page - Linear Technology LT1183CS Datasheet HTML 9Page - Linear Technology LT1183CS Datasheet HTML 10Page - Linear Technology LT1183CS Datasheet HTML 11Page - Linear Technology LT1183CS Datasheet HTML 12Page - Linear Technology LT1183CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LT1182/LT1183/LT1184/LT1184F
TYPICAL PERFORMANCE CHARACTERISTICS
CCFL VSW Current Limit
vs Duty Cycle
CCFL VSW Sat Voltage
vs Switch Current
SWITCH CURRENT (A)
0
0.6
0.8
1.0
1.2
LT1182 • G37
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
0.3
0.6
0.9
1.5
T = –5
°C
T = 125
°C
T = 25
°C
DUTY CYCLE (%)
0
0
0.5
1.5
2.0
2.5
20
40
50
90
LT1182 • G39
1.0
10
30
60
70
80
T = 25
°C
T = 125
°C
MINIMUM
T = 0
°C
LCD VSW Sat Voltage
vs Switch Current
SWITCH CURRENT (A)
0
1.2
1.6
2.0
1.2
LT1182 • G38
0.8
0.4
0
0.3
0.6
0.9
1.5
T = –5
°C
T = 125
°C
T = 25
°C
DUTY CYCLE (%)
0
0
0.3
0.9
1.2
1.5
20
40
50
90
LT1182 • G40
0.6
10
30
60
70
80
T = 25
°C
T = 125
°C
MINIMUM
T = 0
°C
LCD VSW Current Limit
vs Duty Cycle
Forced Beta vs ISW on CCFL VSW
CCFL ISW (A)
0
60
80
110
100
1.6
LT1182 • G41
40
20
50
70
90
30
10
0
0.4
0.8
1.2
0.2
1.8
0.6
1.0
1.4
2.0
LCD ISW (A)
0
60
80
100
1.6
LT1182 • G42
40
20
50
70
90
30
10
0
0.4
0.8
1.2
0.2
1.8
0.6
1.0
1.4
2.0
Forced Beta vs ISW on LCD VSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com