Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1183CS Datasheet(PDF) 22 Page - Linear Technology

Part # LT1183CS
Description  CCFL/LCD Contrast Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1183CS Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1183CS Datasheet HTML 16Page - Linear Technology LT1183CS Datasheet HTML 17Page - Linear Technology LT1183CS Datasheet HTML 18Page - Linear Technology LT1183CS Datasheet HTML 19Page - Linear Technology LT1183CS Datasheet HTML 20Page - Linear Technology LT1183CS Datasheet HTML 21Page - Linear Technology LT1183CS Datasheet HTML 22Page - Linear Technology LT1183CS Datasheet HTML 23Page - Linear Technology LT1183CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LT1182/LT1183/LT1184/LT1184F
TYPICAL APPLICATIONS N
R2
40.5k
1182 TA04
1182 TA05
1182 TA08
1182 TA09
1182 TA10
1182 TA06
1182 TA07
1182 TA12
C1
2.2
µF
R1
40.5k
+
TO ICCFL PIN
LT1182/LT1183 ICCFL PWM Programming
LT1183 ICCFL PWM Programming with VREF
LT1184/LT1184F ICCFL PWM Programming
LT1183 ICCFL Programming
with Potentiometer Control
R1 AND R2 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
R2
40.35k
C1
2.2
µF
R1
40.35k
+
TO ICCFL PIN
R1 AND R2 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
+
FROM VREF
TO ICCFL PIN
Q1
VN2222L
R1
330
Ω
R2
7.15k
R3
7.15k
C1
22
µF
R1 PREVENTS OSCILLATION.
R2 AND R3 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
FROM VREF
TO ICCFL PIN
Q1
VN2222L
R1
3.57k
R2
3.57k
R3
7.15k
C1
22
µF
V (PWM)
0V TO 5V
1kHz PWM
10 to 100% DC =
50
µA TO 0µA
R1, R2 AND R3 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
+
VREF
R2
50k
R1
15.9k
TO ICCFL PIN
R1 AND R2 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
ICCFL = 12µA TO 50µA.
LT1184/LT1184F ICCFL Programming
with Potentiometer Control
LT1182/LT1183/LT1184/LT1184F
ICCFL Programming with DAC Control
VREF
R2
50k
R1
15.5k
TO ICCFL PIN
R1 AND R2 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
ICCFL = 12µA TO 50µA.
LT1184/LT1184F ICCFL PWM Programming with VREF
LT1183 ICCFL PWM Programming with VREF
+
FROM VREF
TO ICCFL PIN
Q1
VN2222L
R1
330
Ω
R2
6.98k
R3
6.98k
C1
22
µF
V (PWM)
0V TO 5V
1kHz PWM
0% to 90% DC =
0
µA to 50µA
V (PWM)
0V TO 5V
1kHz PWM
0% to 90% DC =
0
µA to 50µA
V (PWM)
0V TO 5V
1kHz PWM
0% to 90% DC =
0
µA to 50µA
V (PWM)
0V TO 5V
1kHz PWM
0% to 90% DC =
0
µA to 50µA
R1 PREVENTS OSCILLATION.
R2 AND R3 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
1182 TA11
FROM VREF
TO ICCFL PIN
Q1
VN2222L
R1
3.48k
R2
3.48k
R3
6.98k
C1
22
µF
V (PWM)
0V TO 5V
1kHz PWM
10 to 100% DC =
50
µA TO 0µA
R1, R2 AND R3 ARE IDEAL VALUES.
USE NEAREST 1% VALUE.
+
LT1184/LT1184F ICCFL PWM Programming with VREF
DAC
R1
5k
TO ICCFL PIN
R1 DECOUPLES THE DAC OUTPUT CAPACITANCE
FROM THE ICCFL PIN.
STRAY OUTPUT
CAPACITANCE
CURRENT SOURCE
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com