Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1137ACSW Datasheet(PDF) 3 Page - Linear Technology

Part # LT1137ACSW
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1137ACSW Datasheet(HTML) 3 Page - Linear Technology

  LT1137ACSW Datasheet HTML 1Page - Linear Technology LT1137ACSW Datasheet HTML 2Page - Linear Technology LT1137ACSW Datasheet HTML 3Page - Linear Technology LT1137ACSW Datasheet HTML 4Page - Linear Technology LT1137ACSW Datasheet HTML 5Page - Linear Technology LT1137ACSW Datasheet HTML 6Page - Linear Technology LT1137ACSW Datasheet HTML 7Page - Linear Technology LT1137ACSW Datasheet HTML 8Page - Linear Technology LT1137ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1130A/LT1140A Series
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
5-DRIVER/3-RECEIVER
WITHOUT CHARGE PUMP
4-DRIVER/4-RECEIVER
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
3-DRIVER/5-RECEIVER
TJMAX = 150°C, θJA = 58°C/W (N)
TJMAX = 150°C, θJA = 80°C/W (SW)
TJMAX = 150°C, θJA = 58°C/W (N)
TJMAX = 150°C, θJA = 80°C/W (SW)
TJMAX = 150°C, θJA = 79°C/W (N)
TJMAX = 150°C, θJA = 85°C/W (SW)
TJMAX = 150°C, θJA = 56°C/W (NW)
TJMAX = 150°C, θJA = 68°C/W (SW)
TJMAX = 150°C, θJA = 96°C/W (G)
TJMAX = 150°C, θJA = 56°C/W (NW)
TJMAX = 150°C, θJA = 68°C/W (SW)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
V–
C2–
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
24-LEAD PLASTIC SO WIDE
N PACKAGE
24-LEAD PDIP
LT1134A
V+
5V VCC
C1+
C1–
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V–
C2–
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
GND
DRIVER DISABLE
SW PACKAGE
28-LEAD PLASTIC SO WIDE
NW PACKAGE
28-LEAD PDIP
LT1136A
V+
5V VCC
C1+
C1–
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
ON/OFF
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
V–
C2–
C2+
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
24-LEAD PLASTIC SO WIDE
N PACKAGE
24-LEAD PDIP
LT1132A
V+
5V VCC
C1+
C1–
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
RX IN
LT1132ACN
LT1132ACSW
LT1132AISW
TJMAX = 150°C, θJA = 58°C/W (N)
TJMAX = 150°C, θJA = 80°C/W (SW)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
V–
C2–
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
24-LEAD PLASTIC SO WIDE
N PACKAGE
24-LEAD PDIP
LT1133A
V+
5V VCC
C1+
C1–
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
LT1133ACN
LT1133ACSW
LT1133AISW
ORDER PART
NUMBER
5-DRIVER/3-RECEIVER
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
–12V V–
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
20-LEAD PLASTIC SO WIDE
N PACKAGE
20-LEAD PDIP
12V V+
5V VCC
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
RX IN
LT1135A
LT1134ACN
LT1134ACSW
LT1134AIN
LT1134AISW
LT1135ACN
LT1135ACSW
LT1137ACG
LT1137ACNW
LT1137ACSW
LT1137AIG
LT1137AINW
LT1137AISW
3-DRIVER/5-RECEIVER WITH SHUTDOWN
4-DRIVER/5-RECEIVER WITH SHUTDOWN
LT1136ACNW
LT1136ACSW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V–
C2–
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
GND
DRIVER DISABLE
NC
SW PACKAGE
28-LEAD PLASTIC SO WIDE
NW PACKAGE
28-LEAD PDIP
LT1137A
V+
5V VCC
C1+
C1–
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
ON/OFF
NC
G PACKAGE
28-LEAD PLASTIC SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com