Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1137ACSW Datasheet(PDF) 6 Page - Linear Technology

Part # LT1137ACSW
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1137ACSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1137ACSW Datasheet HTML 2Page - Linear Technology LT1137ACSW Datasheet HTML 3Page - Linear Technology LT1137ACSW Datasheet HTML 4Page - Linear Technology LT1137ACSW Datasheet HTML 5Page - Linear Technology LT1137ACSW Datasheet HTML 6Page - Linear Technology LT1137ACSW Datasheet HTML 7Page - Linear Technology LT1137ACSW Datasheet HTML 8Page - Linear Technology LT1137ACSW Datasheet HTML 9Page - Linear Technology LT1137ACSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1130A/LT1140A Series
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Driver Output Voltage
Driver Disable Threshold
Supply Current in Shutdown
ON/OFF Thresholds
Supply Current
Driver Leakage in Shutdown
Supply Current vs Data Rate
Receiver Input Thresholds
TEMPERATURE (°C)
–55
0.1
1
10
100
–25
0
25
50
LT1137A • TPC04
75
100
125
TEMPERATURE (°C)
–55
2.0
2.5
3.0
25
75
LT1137A • TPC06
1.5
1.0
–25
0
50
100
125
0.5
0
TEMPERATURE (°C)
–55
2.0
2.5
3.0
25
75
LT1137A • TPC07
1.5
1.0
–25
0
50
100
125
0.5
0
ON THRESHOLD
OFF THRESHOLD
TEMPERATURE (°C)
–55
0
2
5
0
50
75
LT1137A • TPC05
1
4
3
–25
25
100
125
TEMPERATURE (°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
LT1137A • TPC02
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
TEMPERATURE (°C)
–55
–10
–8
–4
–2
0
10
4
0
50
75
LT1130A • TPC01
–6
6
8
2
–25
25
100
125
OUTPUT HIGH
OUTPUT LOW
RL = 3k
VCC = 5V
VCC = 4.5V
VCC = 5.5V
VCC = 4.5V
VCC = 5V
VCC = 5.5V
DATA RATE (kBaud)
0
0
20
30
40
50
60
70
25
50
75
100
LT1130A • TPC03
125
80
90
100
10
150
5 DRIVER
RL = 3k
CL = 2500pF
3 DRIVER
RL = 3k
CL = 2500pF
TEMPERATURE (°C)
–55
0
5
15
20
25
50
35
0
50
75
LT1130A • TPC08
10
40
45
30
–25
25
100
125
5 DRIVER
3 DRIVER
1 DRIVER
NO LOAD
Supply Current in Driver Disable
TEMPERATURE (°C)
0.1
10
100
LT1137A • TPC09
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com