Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1213 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1213
Description  28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1213 Datasheet(HTML) 2 Page - Linear Technology

  LT1213 Datasheet HTML 1Page - Linear Technology LT1213 Datasheet HTML 2Page - Linear Technology LT1213 Datasheet HTML 3Page - Linear Technology LT1213 Datasheet HTML 4Page - Linear Technology LT1213 Datasheet HTML 5Page - Linear Technology LT1213 Datasheet HTML 6Page - Linear Technology LT1213 Datasheet HTML 7Page - Linear Technology LT1213 Datasheet HTML 8Page - Linear Technology LT1213 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1213/LT1214
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V + to V –) ............................. 36V
Input Current .....................................................
±15mA
Output Short-Circuit Duration (Note 1) ........ Continuous
Operating Temperature Range
LT1213C/LT1214C ............................ – 40
°C to 85°C
LT1213M ......................................... – 55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 2)
Plastic Package (N8, S8, N, S) ........................ 150
°C
Ceramic Package (J8) ...................................... 175
°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
TJMAX = 175°C, θJA = 100°C/W (J)
TJMAX = 150°C, θJA = 100°C/W (N)
S8 PART MARKING
1213
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 150°C/W
TJMAX = 150°C, θJA = 100°C/W
TJMAX = 150°C, θJA = 70°C/W
PACKAGE
NUMBER OF
MAX TC VOS
CERAMIC DIP
PLASTIC DIP
SURFACE MOUNT
OP AMPS
TA RANGE
MAX VOS (25°C)
(
∆VOS/∆T)
(J)
(N)
(S)
Two (Dual)
– 40
°C to 85°C
150
µV
1.5
µV/°C
LT1213ACN8
275
µV3µV/°C
LT1213CN8
275
µV6µV/°C
LT1213CS8
Two (Dual)
– 55
°C to 125°C
150
µV
1.5
µV/°C
LT1213AMJ8
275
µV3µV/°C
LT1213MJ8
Four (Quad)
– 40
°C to 85°C
275
µV6µV/°C
LT1214CN
LT1214CS
AVAILABLE OPTIO S
J8 PACKAGE
8-LEAD CERAMIC DIP
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
N PACKAGE
14-LEAD PLASTIC DIP
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
A
C
B
TOP VIEW
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SOIC
B
A
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
A
C
B
D
LT1213CN8
LT1213ACN8
LT1213MJ8
LT1213AMJ8
LT1214CN
LT1213CS8
LT1214CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com