Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1213 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1213
Description  28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1213 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1213 Datasheet HTML 2Page - Linear Technology LT1213 Datasheet HTML 3Page - Linear Technology LT1213 Datasheet HTML 4Page - Linear Technology LT1213 Datasheet HTML 5Page - Linear Technology LT1213 Datasheet HTML 6Page - Linear Technology LT1213 Datasheet HTML 7Page - Linear Technology LT1213 Datasheet HTML 8Page - Linear Technology LT1213 Datasheet HTML 9Page - Linear Technology LT1213 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1213/LT1214
VS = ±15V, VCM = 0V, VOUT = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
+
–15V ELECTRICAL C
C
HARA TERISTICS
VS = ±15V, VCM = 0V, VOUT = 0V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
VS = ±15V, VCM = 0V, VOUT = 0V, –40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 5)
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
150
425
200
650
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 3)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
10
35
10
45
nA
IB
Input Bias Current
90
160
95
200
nA
Input Voltage Range
13.4
13.5
13.4
13.5
V
–14.9
–15.1
–14.9
–15.1
V
CMRR
Common-Mode Rejection Ratio
VCM = –14.9V to 13.4V
89
105
85
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
92
115
89
115
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1000
4000
1000
4000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 15mA
13.8
14.0
13.8
14.0
V
Output Low, ISINK = 15mA
– 14.4
– 14.6
– 14.4
– 14.6
V
IS
Supply Current per Amplifier
1.8
3.7
5.0
1.8
3.7
5.0
mA
LT1213AM
LT1213M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
200
500
300
800
µV
∆VOS
Input Offset Voltage Drift
0.7
1.5
1
3
µV/°C
∆T
(Note 3)
IOS
Input Offset Current
15
60
25
90
nA
IB
Input Bias Current
100
200
110
250
nA
Input Voltage Range
13.1
13.2
13.1
13.2
V
–14.6
–14.8
–14.6
–14.8
V
CMRR
Common-Mode Rejection Ratio
VCM = – 14.6V to 13.1V
87
104
83
104
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V
90
114
87
114
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
800
1100
800
1100
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 15mA
13.6
13.8
13.6
13.8
V
Output Low, ISINK = 15mA
–14.2
–14.5
–14.2
–14.5
V
IS
Supply Current per Amplifier
1.3
4.0
5.4
1.3
4.0
5.4
mA
LT1213AC
LT1213C/LT1214C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
175
450
250
700
µV
∆VOS
Input Offset Voltage Drift
8-Pin DIP Package
0.7
1.5
1
3
µV/°C
∆T
(Note 3)
14-Pin DIP, SOIC Package
2
6
µV/°C
IOS
Input Offset Current
10
40
20
75
nA
IB
Input Bias Current
95
180
105
220
nA
Input Voltage Range
13.1
13.2
13.1
13.2
V
–14.8
–15.0
–14.8
–15.0
V
CMRR
Common-Mode Rejection Ratio
VCM = – 14.8V to 13.1V
88
104
84
104
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
91
114
88
114
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1000
4000
1000
4000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 15mA
13.7
13.9
13.7
13.9
V
Output Low, ISINK = 15mA
– 14.4
– 14.6
– 14.4
– 14.6
V
IS
Supply Current per Amplifier
1.5
3.7
5.1
1.5
3.7
5.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com