Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LL4448
Description  High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4448 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL4448 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_S1408022
Version: J15
Small Signal Product
LL4148/LL4448/LL914B
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
100
0
20
40
60
80
100
120
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
0.0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
1
10
100
1000
10000
0.01
0.1
1
10
100
Forward Current (mA)
Fig. 5 Forward Resistance VS. Forward Current
0
100
200
300
400
500
600
0
50
100
150
200
Ambient Temperature (oC)
Fig. 3 Admissible Power Dissipation Curve
0
300
600
900
1200
1500
0.001
0.01
0.1
1
10
100
1000
Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com