Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL4448
Description  High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4448 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL4448 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
CREAT BY ART
- Fast switching device (trr<4.0ns)
- Surface device type mounting
- Matte Tin(Sn) terminal finish
- Pb free version and RoHS compliant
- Case: Mini-MELF Package
- High temperature soldering guaranteed: 270°C/10s
- Polarity: Indicated by black cathode band
- Weight: 31mg (approximately)
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IFSM
A
IFM
mA
IF(AV)
mA
IF
mA
IFRM
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
nA
μA
VR=0
f=1.0MHz
CJ
pF
trr
ns
Document Number: DS_S1408022
Version: J15
LL4448, LL914B
Forward Voltage
Junction Capacitance
-
0.62
-
-
-
-
4
-
IR=100μA
IR=5μA
VR=75V
VR=20V
IF=100 mA
IF=50 mA
IF=5 mA
-
0.72
25
5
-4
1
1
Note 3: Reverse recovery test conditions : IF=IR=10mA, RL=100Ω, IRR=1mA
V(BR)
VF
IR
100
75
-
-
PARAMETER
MIN
Note 1: Test condition : 8.3 ms single half sine-wave superimposed on rated load (JEDEC method)
Note 2: Valid provided that electrodes are kept at ambient temperature
(Note 3)
Reverse Recovery Time
Reverse Breakdown Voltage
Reverse Leakage Current
LL4448, LL914B
LL4148
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient) (Note 2)
Repetitive Peak Forward Current
MINI MELF
Hermetically Sealed Glass
150
150
450
2
75
V
Forward Continuous Current
Mean Forward Current
Non-Repetitive Peak Forward Current
Peak Forward Surge Current
(Note 1)
V
MAX
-65 to +175
300
450
Reverse Voltage
Repetitive Peak Reverse Voltage
PARAMETER
VALUE
Power Dissipation
500
75
LL4148/LL4448/LL914B
Taiwan Semiconductor
High Speed SMD Switching Diode
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
MECHANICAL DATA


Similar Part No. - LL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Similar Description - LL4448

ManufacturerPart #DatasheetDescription
logo
Formosa MS
CDSN4148 FORMOSA-CDSN4148 Datasheet
80Kb / 2P
SMD Switching Diode - High Speed
logo
Taiwan Semiconductor Co...
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
400mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
500mW High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G_15 Datasheet
191Kb / 4P
High Speed SMD Switching Diode
1SS400CS TSC-1SS400CS_14 Datasheet
115Kb / 3P
High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com