Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR103 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LSR103
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LSR103 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LSR103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LSR103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LSR103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LSR103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATINGS AND CHARACTERISTICS CURVES
(TA=25℃ unless otherwise noted)
Document Number: DS_S1412011
Version: G14
Small Signal Product
Taiwan Semiconductor
LSR102 thru LSR106
0.1
1
10
100
0.01
0.1
1
10
100
T, Pulse Duration (sec)
Fig.6 Typical Transient Thermal Characteristics
0
0.5
1
1.5
0
25
50
75
100
125
150
175
Lead Temperature (OC)
Fig.1 Maximum Forward Current Derating Curve
LSR102 - LSR104
LSR105 - LSR106
0
10
20
30
40
50
1
10
100
Number of Cycles at 60HZ
Fig.2 Maximum Non-Repetitive Forward
Surge Current
0.1
1
10
100
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1
Forward Voltage (V)
Fig.3 Typical Forward Characteristics
LSR102 - LSR104
LSR105 - LSR106
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage (%)
Fig.4 Typical Reverse Characteristics
Tj=125OC
Tj=75OC
Tj=25OC
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
Fig.5 Typical Junction Capacitance
LSR102 - LSR104
LSR105 - LSR106



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com