Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR103 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LSR103
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LSR103 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LSR103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LSR103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LSR103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LSR103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
CREAT BY ART
- Plastic package has carries underwriters
- Ideal for automated placement
- Surge overload rating to 25 Ampers peak
- Reliable low cost construction utilizing molded
plastic technique results in in-expensive product
- Terminal : Pure tin plated,lead free
- Weight : 0.12 grams
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_S1412011
Version: G14
MECHANICAL DATA
- Polarity: Indicated by blue cathode band
50
60
MELF
0.55
0.70
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
IFSM
110
80
50
60
14
21
28
35
42
25
Storage temperature range
- 65 to +150
Operating junction temperature range
-65 to +125
-65 to +150
Maximum RMS voltage
40
Maximum DC blocking voltage
Maximum average forward rectified current
1
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
LSR102 LSR103 LSR104 LSR105
Typical junction capacitance (Note 2)
Typical thermal resistance
80
Maximum reverse current @ rated VR TJ=25
oC
TJ=125
oC
IR
1
mA
10
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
LSR106
20
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
30
40
20
30
LSR102 thru LSR106
Taiwan Semiconductor
Surface Mount Schottky Barrier Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Maximum repetitive peak reverse voltage


Similar Part No. - LSR103

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LSR103 TSC-LSR103 Datasheet
62Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR103 TSC-LSR103 Datasheet
269Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR103 TSC-LSR103 Datasheet
420Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LSR103 LUGUANG-LSR103 Datasheet
234Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
LIGITEK electronics co....
LSR1030-PF LIGITEK-LSR1030-PF Datasheet
108Kb / 6P
TOWER TYPE LED LAMPS
More results

Similar Description - LSR103

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com