Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD4448HTW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBD4448HTW
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBD4448HTW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBD4448HTW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBD4448HTW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBD4448HAQW/HADW/HCDW/HSDW/HTW
- Fast switching speed
- Surface device type mounting
- Moisture sensitivity level 1
- High conductance power dissipation
- For general purpose switching applications
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT-363 small outline plastic package
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IF(AV)
mA
IO
mA
@ t = 1 μs
@ t = 1 s
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
Reverse Breakdown Voltage
IR=100μAV(BR)
V
IF=5.0mA
IF=10mA
IF=100mA
IF=150mA
VR=70V
nA
VR=75V, TJ=150
oC
μA
VR=25V, TJ=150
oC
μA
VR=20V
nA
VR=6V,
f=1MHz
CJ
pF
IF=5mA, VR=6V
trr
ns
Note 1: Device mounted on FR-4 PCB, 1 inch × 0.85 inch × 0.062 inch
Note 2: Short duration test pulse uesd tu minimize self-heating effect
Document Number: DS_S1501009
Version: C15
-55 to 150
4
1.5
Average Rectified Output Current
Average Rectified Forward Current
Reverse Voltage
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient)
Non-Repetitive Peak Forward Surge Current
PARAMETER
200
80
57
500
250
625
MIN
MAX
80
0.620
0.715
-
0.855
-
1.000
VF
-
-
-
-
-
V
1.250
100
VF
50
30
-
Forward Voltage
Reverse Leakage Current
25
-3.5
-4.0
Junction Capacitance
Reverse Recovery Time
IFSM
A
MECHANICAL DATA
- Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Taiwan Semiconductor
Small Signal Product
Switching Diode
FEATURES
SOT-363
Repetitive Peak Reverse Voltage
Power Dissipation


Similar Part No. - MBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBD4448HTW TSC-MBD4448HTW Datasheet
199Kb / 2P
Switching Diode Small Signal Diode Fast switching speed
More results

Similar Description - MBD4448HTW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com