Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1260CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1260CS
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1260CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1260CS Datasheet HTML 4Page - Linear Technology LT1260CS Datasheet HTML 5Page - Linear Technology LT1260CS Datasheet HTML 6Page - Linear Technology LT1260CS Datasheet HTML 7Page - Linear Technology LT1260CS Datasheet HTML 8Page - Linear Technology LT1260CS Datasheet HTML 9Page - Linear Technology LT1260CS Datasheet HTML 10Page - Linear Technology LT1260CS Datasheet HTML 11Page - Linear Technology LT1260CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1259/LT1260
4. Capacitors C1 and C6 are optional and only needed to
reduce overshoot when EN 1 or EN 2 are activated with
a long inductive ground wire.
5. The R, G and B amplifiers have slightly different
frequency responses due to different output trace
routing to RF (between pins 3 and 4). All amplifiers
have slightly less bandwidth in PCB #039 than when
measured alone as shown in the Typical AC Perfor-
mance table.
6. Part-to-part variation can change the peaking by
±0.25dB.
RGB Demo Board Gain vs Frequency
FREQUENCY (MHz)
1
–6
–4
–2
0
2
10
100
LT1259/60 • TA04
4
VS = ±12V
RL = 150Ω
RF = RG = 1.6k
R
G
B
RGB Demo Board Gain vs Frequency
FREQUENCY (MHz)
1
–6
–4
–2
0
2
10
100
LT1259/60 • TA05
4
VS = ±5V
RL = 150Ω
RF = RG = 1.1k
R, B
G
FREQUENCY (MHz)
1
–100
–80
–60
–40
–20
10
100
LT1259/60 • TA06
0
VS = ±12V
RL = 100Ω
RF = RG = 1.6k
RS = 10Ω
G
B
R
RGB Demo Board All Hostile Crosstalk
P-DIP PC Board #039
LT1259/60 • TA07
R18
(408) 432-1900
LT1260 RGB AMPLIFIER
DEMONSTRATION BOARD
C8
R17
C7
C5
C4
R1
G1
B1
R2
G2
B2
B
G
R
R15
C3
R14
C2
R13
U1
GND
V–
V+
EN1
EN2
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
U2
C6
R16
C1
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com