Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1260CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1260CS
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1260CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1260CS Datasheet HTML 4Page - Linear Technology LT1260CS Datasheet HTML 5Page - Linear Technology LT1260CS Datasheet HTML 6Page - Linear Technology LT1260CS Datasheet HTML 7Page - Linear Technology LT1260CS Datasheet HTML 8Page - Linear Technology LT1260CS Datasheet HTML 9Page - Linear Technology LT1260CS Datasheet HTML 10Page - Linear Technology LT1260CS Datasheet HTML 11Page - Linear Technology LT1260CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1259/LT1260
©LINEAR TECHNOLOGY CORPORATION 1993
125960fas, sn125960 LT/TP 1197 REV A 4K • PRINTED IN USA
Demonstration PC Board Schematic #039
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+
R3
GND
LT1260
R1
R5
–
+
G
R1
R2
EN 1
C1*
0.01
µF
EN 2
G1
B1
R6
R4
V+
V–
R13
75
Ω
C2
0.1
µF R14
75
Ω
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R9
LT1260
R2
R11
–
+
G
G2
B2
R12
R10
R16
75
Ω
C7
0.1
µF
R17
75
Ω
C3
0.1
µF R15
75
Ω
C6*
0.01
µF
C4
4.7
µF
+
C5
4.7
µF
C8
0.1
µF
VOUT RED
VOUT GREEN
VOUT BLUE
R18
75
Ω
R7
R8
*OPTIONAL
LT1259/60 • TA08
R
–
+
B
B
+
–
+
–
–
+
R
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1203/LT1205
150MHz Video Multiplexers
2:1 and Dual 2:1 MUXes with 25ns Switch Time
LT1204
4-Input Video MUX with Current Feedback Amplifier
Cascadable Enable 64:1 Multiplexing
LT1227
140MHz Current Feedback Amplifier
1100V/
µs Slew Rate, Shutdown Mode
LT1252/LT1253/LT1254
Low Cost Video Amplifiers
Single, Dual and Quad Current Feedback Amplifiers
RELATED PARTS
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com