Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1309CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1309CS8
Description  500kHz Micropower DC/DC Converter for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1309CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1309CS8 Datasheet HTML 1Page - Linear Technology LT1309CS8 Datasheet HTML 2Page - Linear Technology LT1309CS8 Datasheet HTML 3Page - Linear Technology LT1309CS8 Datasheet HTML 4Page - Linear Technology LT1309CS8 Datasheet HTML 5Page - Linear Technology LT1309CS8 Datasheet HTML 6Page - Linear Technology LT1309CS8 Datasheet HTML 7Page - Linear Technology LT1309CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1309
The LT
® 1309 is a 500kHz micropower DC/DC converter
for Flash Memory. The regulator features Burst Mode
TM
operation with a 0.5A, 300mV switch, enabling 85%
efficiency at the fixed 12V output. High frequency opera-
tion permits the use of small value, and therefore small
size, surface mount inductors and capacitors. The LT1309
comes in an 8-lead SO package allowing extremely
compact PC board layouts. These features make the
device attractive for PCMCIA cards, cellular phones and
other applications where PC board space is limited.
Quiescent current is 650
µA decreasing to 9µA when the
part shuts down. The device includes a soft start feature
which limits supply current transients during turn-on.
The LT1309 contains a VPP VALID comparator with a
logic output that goes low when the output voltage is
ready to program 12V Flash Memory. This comparator
simplifies the interface to external control logic.
500kHz Micropower
DC/DC Converter
for Flash Memory
S
FEATURE
DESCRIPTIO
s
60mA Output Current at 12V from 3V or 5V Supply
s
Shutdown to 9
µA
s
VPP VALID Comparator
s
Up to 85% Efficiency
s
Switching Frequency: 500kHz (Typical)
s
Quiescent Current: 650
µA
s
Low VCESAT Switch: 300mV at 0.5A (Typical)
s
Soft Start Reduces Supply Current Transients
s
Uses Low Value, Small Size,
Surface Mount Inductors
s
Available in 8-Lead SO Package
APPLICATI
TYPICAL
12V, 60mA Flash Memory Programming Supply
12V Output Efficiency
LOAD CURRENT (mA)
1
70
72
74
76
78
86
10
100
LT1309 • TA02
80
82
84
VIN = 5V
VIN = 3.3V
VIN
VSW
L1*
10
µH
D1
†
VPP 12V, 60mA
SENSE
VPP VALID
LT1309
ON/OFF
VPP VALID
R1
1M
LT1309 • TA01
C3
0.1
µF
C2
1
µF**
C1
4.7
µF
MURATA ERIE LQH3C100K0YM00
CERAMIC
MOTOROLA MBR0530
*
**
†
ON/OFF
VIN
3.3V TO 5V
SOFT
START
PGND
GND
+
S
APPLICATI
s
Flash Memory VPP Generators
s
Type II and III PCMCIA Card DC/DC Converters
s
3V to 12V, 5V to 12V Converters
s
Portable Computers and Instruments
s
Cellular Telephones
s
DC/DC Converter Module Replacements
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.


Similar Part No. - LT1309CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1309 LINER-LT1309 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
More results

Similar Description - LT1309CS8

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16901 NEC-UPD16901 Datasheet
57Kb / 12P
FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1109A LINER-LT1109A Datasheet
206Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1109A LINER-LT1109A_03 Datasheet
153Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1109A LINER-LT1109A_15 Datasheet
163Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com