Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1311 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1311
Description  Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1311 Datasheet(HTML) 3 Page - Linear Technology

  LT1311 Datasheet HTML 1Page - Linear Technology LT1311 Datasheet HTML 2Page - Linear Technology LT1311 Datasheet HTML 3Page - Linear Technology LT1311 Datasheet HTML 4Page - Linear Technology LT1311 Datasheet HTML 5Page - Linear Technology LT1311 Datasheet HTML 6Page - Linear Technology LT1311 Datasheet HTML 7Page - Linear Technology LT1311 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1311
VS = 10V, VBIAS = 5V, TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BW
Small-Signal Bandwidth
12
MHz
Full Power Bandwidth
VOUT = 2.5VP-P, RIN = 20k
10
MHz
tr, tf
Rise Time, Fall Time
10% to 90%, VOUT = 6VP-P, RIN = 20k
65
ns
10% to 90%, VOUT = 100mVP-P, RIN = 20k
35
ns
OS
Overshoot
VOUT = 100mVP-P, RIN = 20k
0
%
tS
Settling Time
∆VOUT = 2V, 0.1%, RIN = 20k
145
ns
VS = ±15V, ∆VOUT = 10V, 0.1%, RIN = 20k
210
ns
THD
Total Harmonic Distortion
VOUT = 2VRMS, 20Hz to 20kHz, RIN = 20k
0.004
%
Crosstalk
VOUT = 3V to 7V, RL = 2k to 5V, f = 100Hz,
110
dB
3 Channels Driven
The q denotes specifications which apply over the full specified
temperature range of 0
°C to 70°C.
Note 1: A heat sink may be required depending on the power supply
voltage and the number of amplifiers that are shorted.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
90
80
70
60
50
40
30
25
75
1311 G04
–25
0
50
100
125
VS = ±15V
IIN = 750µA
VS = ± 5V
IIN = 250µA
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
12
11
10
9
8
7
6
5
4
3
2
10
20
25
1311 G01
515
30
35
40
TA = 125°C
TA = 25°C
TA = –55°C
Short-Circuit Current
vs Temperature
FREQUENCY (Hz)
100
10
1
0.1
0.01
1k
100k
1M
1311 G06
10k
10M
RIN = ∞
VS = ±15V
VS = ±5V
Output Impedance vs Frequency
–3dB Bandwidth vs
Load Resistance
LOAD RESISTANCE (
Ω)
100
20
18
16
14
12
10
8
6
1k
10k
1131 G05
VS = ±15V
RIN = 100k
VS = ±5V
Bias Voltage Range vs
Temperature
TEMPERATURE (
°C)
–50
V+
V+–1
V+–2
V–+2
V–+1
V–
25
75
1311 G02
–25
0
50
100
125
LOAD CURRENT (mA)
0.01
0.1
1
10
1311 G03
125
°C
125
°C
–55
°C
–55
°C
V+
V+–1
V+–2
V–+2
V–+1
V–
25
°C
25
°C
Output Saturation Voltage
vs Load Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com