Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1311 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1311
Description  Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1311 Datasheet(HTML) 7 Page - Linear Technology

  LT1311 Datasheet HTML 1Page - Linear Technology LT1311 Datasheet HTML 2Page - Linear Technology LT1311 Datasheet HTML 3Page - Linear Technology LT1311 Datasheet HTML 4Page - Linear Technology LT1311 Datasheet HTML 5Page - Linear Technology LT1311 Datasheet HTML 6Page - Linear Technology LT1311 Datasheet HTML 7Page - Linear Technology LT1311 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1311
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Basic Optical System Focus and Tracking Signal Generation
Wide Common-Mode Range Instrumentation Amplifier
–IN
1
7
3
5
12
14
8
10
OUT
1131 TA03
100k
+IN
100k
VS = ±5V
V CM = ±18V
VS = ±15V V CM = ±68V
R2
2k
R2
′
2k
TRIM
FOR CMRR
20k
BW = 5MHz, AV = 20k/R2 = 10
TYPICAL APPLICATIONS
1
2
3
4
5
6
7
14
13
12
10
9
8
2k
2k
1311 TA04
VCC
10V
TRACKING
SIGNAL
(A + B) – (C + D)
FOCUS
SIGNAL
(A + C) – (B + D)
WORST-CASE OUTPUT DRIFT IS 120
µV/°C
BANDWIDTH IS 7MHz
0.1% SETTLING IS LESS THAN 250ns
11
–
+
–
+
5V
IN A
IN B
BIAS
IN C
V– (CD)
IN D
OUT A
OUT B
OUT C
VCC
10V
OUT D
LT1311
0.1
µF
2k
8pF
2k
2k
2k
2k
2k
2k
5V
8pF
–
+
1/2 LT1215
–
+
1/2 LT1215
2k
2k
2k
VCC
V– (AB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com