Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1313 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1313 Datasheet HTML 4Page - Linear Technology LT1313 Datasheet HTML 5Page - Linear Technology LT1313 Datasheet HTML 6Page - Linear Technology LT1313 Datasheet HTML 7Page - Linear Technology LT1313 Datasheet HTML 8Page - Linear Technology LT1313 Datasheet HTML 9Page - Linear Technology LT1313 Datasheet HTML 10Page - Linear Technology LT1313 Datasheet HTML 11Page - Linear Technology LT1313 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1313
TYPICAL APPLICATIONS
Dual Slot PCMCIA Interface to “365” Type Controller
VPP1
VPP2
PCMCIA
CARD SLOT
#1
VCC
VPP1
VPP2
PCMCIA
CARD SLOT
#2
VCC
5V
ASENSE
AVPPOUT
GND
GND
LT1313
VS
VS
AVALID
AEN0
AEN1
BSENSE
BVPPOUT
BVALID
BEN0
BEN1
13V
TO 20V
3.3V/5V
3.3V/5V
51k
VLOGIC
3.3V
10
µF
+
1
µF
A_VPP_EN0
A_VPP_EN1
A:GP1
B_VPP_EN0
A_VCC_EN0
A_VCC_EN1
B_VCC_EN0
B_VCC_EN1
B_VPP_EN1
B:GP1
“365” TYPE
CONTROLLER
51k
Q3
Si9956DY
Q2
Si9956DY
+
1
µF
0.1
µF
+
10
µF
+
G1
G2
GND
LTC1157CS8
VS
IN1
IN2
5V
Q1
1/2 Si9956DY
1313 TA03
5V
3.3V
Q4
1/2 Si9956DY
Q6
Si9956DY
Q5
Si9956DY
G1
G2
GND
LTC1157CS8
VS
IN1
IN2
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com