Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1313 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 4 Page - Linear Technology

  LT1313 Datasheet HTML 1Page - Linear Technology LT1313 Datasheet HTML 2Page - Linear Technology LT1313 Datasheet HTML 3Page - Linear Technology LT1313 Datasheet HTML 4Page - Linear Technology LT1313 Datasheet HTML 5Page - Linear Technology LT1313 Datasheet HTML 6Page - Linear Technology LT1313 Datasheet HTML 7Page - Linear Technology LT1313 Datasheet HTML 8Page - Linear Technology LT1313 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1313
TYPICAL PERFORMANCE CHARACTERISTICS
JUNCTION TEMPERATURE (°C)
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
25
50
75
100
1313 G12
125
TJ = 25°C
VS = 15V
SWITCH TO 5V
SWITCH TO 3.3V
VCC Sense Threshold Voltage
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
1313 G15
100
80
60
40
20
0
TJ = 25°C, 12V MODE
VS = 15V + 100mVRMS RIPPLE
COUT = 1µF TANTALUM
Ripple Rejection (12V)
TIME (ms)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
12.4
12.2
12.0
11.8
11.6
5
0
1313 G16
COUT = 1µF
COUT = 10µF
VS = 15V
12V Turn-On Waveform
TIME (ms)
– 0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
40
20
0
–20
–40
15
13
1313 G17
COUT = 1µF
COUT = 10µF
Line Transient Response (12V)
TIME (ms)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.4
0.2
0
–0.2
–0.4
100
50
1313 G18
COUT = 1µF
COUT = 10µF
Load Transient Response (12V)
VALID OUTPUT CURRENT (mA)
0
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
1.5
2.0
1313 G14
2.5
3.0
TJ = 25°C
VS = 15V
12V MODE
VALID Output Voltage
Enable Input Current
ENABLE INPUT VOLTAGE (V)
0
50
40
30
20
10
0
1
23
4
1313 G11
56
TJ = 25°C
VS = 15V
Enable Input Threshold Voltage
JUNCTION TEMPERATURE (°C)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
25
50
75
100
1313 G10
125
VS = 15V
VCC Sense Input Current
VCC SENSE INPUT VOLTAGE (V)
0
50
40
30
20
10
0
1
23
4
1313 G13
56
TJ = 25°C
VS = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com