Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1317 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1317
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317 Datasheet(HTML) 2 Page - Linear Technology

  LT1317 Datasheet HTML 1Page - Linear Technology LT1317 Datasheet HTML 2Page - Linear Technology LT1317 Datasheet HTML 3Page - Linear Technology LT1317 Datasheet HTML 4Page - Linear Technology LT1317 Datasheet HTML 5Page - Linear Technology LT1317 Datasheet HTML 6Page - Linear Technology LT1317 Datasheet HTML 7Page - Linear Technology LT1317 Datasheet HTML 8Page - Linear Technology LT1317 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1317/LT1317B
ORDER PART
NUMBER
A
G
A
U
A
R
BSOLUTEXI
TI
S
VIN, LBO Voltage ..................................................... 12V
SW Voltage ............................................... – 0.4V to 30V
FB Voltage .................................................... VIN + 0.3V
VC Voltage ................................................................ 2V
LBI Voltage ............................................ 0V
≤ VLBI ≤ 1V
SHDN Voltage ............................................................ 6V
Junction Temperature .......................................... 125
°C
Operating Temperature Range
Commercial ........................................... 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
1
2
3
4
VC
FB
SHDN
GND
8
7
6
5
LBO
LBI
VIN
SW
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
1
2
3
4
8
7
6
5
TOP VIEW
LBO
LBI
VIN
SW
VC
FB
SHDN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 120°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
Not Switching, VSHDN = 2V (LT1317)
q
100
160
µA
VSHDN = 0V (LT1317/LT1317B)
q
25
40
µA
VSHDN = 2V, Switching (LT1317B)
4.8
6.5
mA
VSHDN = 2V, Switching (LT1317B)
q
7.5
mA
VFB
Feedback Voltage
1.22
1.24
1.26
V
q
1.20
1.24
1.26
V
IB
FB Pin Bias Current (Note 2)
q
12
60
nA
Input Voltage Range
q
1.5
12
V
gm
Error Amp Transconductance
∆I = 5µA
q
70
140
240
µmhos
AV
Error Amp Voltage Gain
700
V/V
Maximum Duty Cycle
q
80
85
%
Switch Current Limit (Note 3)
VIN = 2.5V, Duty Cycle = 30%
710
800
1300
mA
VIN = 2.5V, Duty Cycle = 30%
q
660
1350
mA
Burst Mode Operation Switch Current Limit
Duty Cycle = 30% (LT1317)
275
mA
fOSC
Switching Frequency
q
520
620
720
kHz
ELECTRICAL C
C
HARA TERISTICS
Commercial Grade
VIN = 2V, VSHDN = 2V, TA = 25°C, unless otherwise noted.
Consult factory for Military grade parts.
MS8 PART MARKING
S8 PART MARKING
LT1317CS8
LT1317BCS8
LT1317IS8
LT1317BIS8
1317
1317B
1317I
1317BI
LTHA
LTHB
LT1317CMS8
LT1317BCMS8
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com